Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2325DS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2325DS
Description  P-Channel 150-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2325DS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2325DS_15 Datasheet HTML 1Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 2Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 3Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 4Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 5Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 6Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 7Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 8Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73238
S09-0133-Rev. B, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si2325DS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
02468
10
VGS = 10 thru 5 V
3 V
VDS - Drain-to-Source Voltage (V)
4 V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VGS = 6 V
VGS = 10 V
ID - Drain Current (A)
0
2
4
6
8
10
0
123
4567
8
VDS = 75 V
ID = 0.5 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
012345
25 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
0
100
200
300
400
500
0
30
60
90
120
150
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 0.5 A
TJ - Junction Temperature (°C)


Similar Part No. - SI2325DS_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2325DS VISHAY-SI2325DS_17 Datasheet
202Kb / 9P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

Similar Description - SI2325DS_15

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com