Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1293CCN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1293CCN
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1293CCN Datasheet HTML 3Page - Linear Technology LTC1293CCN Datasheet HTML 4Page - Linear Technology LTC1293CCN Datasheet HTML 5Page - Linear Technology LTC1293CCN Datasheet HTML 6Page - Linear Technology LTC1293CCN Datasheet HTML 7Page - Linear Technology LTC1293CCN Datasheet HTML 8Page - Linear Technology LTC1293CCN Datasheet HTML 9Page - Linear Technology LTC1293CCN Datasheet HTML 10Page - Linear Technology LTC1293CCN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1293/LTC1294/LTC1296
PI FU CTIO S
#
PIN
FUNCTION
DESCRIPTION
1 – 6
CH0 – CH5
Analog Inputs
The analog inputs must be free of noise with respect to AGND.
7
COM
Common
The common pin defines the zero reference point for all single ended inputs. It must be free of noise and is
usually tied to the analog ground plane.
8
DGND
Digital Ground
This is the ground for the internal logic. Tie to the ground plane.
9V
Negative Supply
Tie V
to most negative potential in the circuit (Ground in single supply applications).
10
AGND
Analog Ground
AGND should be tied directly to the analog ground plane.
11
VREF
Ref. Input
The reference inputs must be kept free of noise with respect to AGND.
12
DIN
Data Input
The A/D configuration word is shifted into this input.
13
DOUT
Digital Data Output The A/D conversion result is shifted out of this output.
14
CS
Chip Select Input
A logic low on this input enables data transfer.
15
CLK
Clock
This clock synchronizes the serial data transfer and controls A/D conversion rate.
16
VCC
Positive supply
This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane.
LTC1293
#
PIN
FUNCTION
DESCRIPTION
1 –8
CH0 – CH7
Analog Inputs
The analog inputs must be free of noise with respect to AGND.
9
COM
Common
The common pin defines the zero reference point for all single ended inputs. It must be free of noise and is
usually tied to the analog ground plane.
10
DGND
Digital Ground
This is the ground for the internal logic. Tie to the ground plane.
11
V
Negative Supply
Tie V
to most negative potential in the circuit (Ground in single supply applications).
12
AGND
Analog Ground
AGND should be tied directly to the analog ground plane.
13, 14 REF
, REF+ Ref. Inputs
The reference inputs must be kept free of noise with respect to AGND. The A/D sees a reference voltage equal
to the difference between REF
+ and REF.
15
DIN
Data Input
The A/D configuration word is shifted into this input.
16
DOUT
Digital Data Output The A/D conversion result is shifted out of this output.
17
CS
Chip Select Input
A logic low on this input enables data transfer.
18
CLK
Clock
This clock synchronizes the serial data transfer and controls A/D converion rate.
19, 20 AVCC, DVCC
Positive Supplies
These supplies must be kept free of noise and ripple by bypassing directly to the analog ground plane. AVCC
and DVCC must be tied together.
LTC1294
#
PIN
FUNCTION
DESCRIPTION
1 –8
CH0 – CH7
Analog Inputs
The analog inputs must be free of noise with respect to AGND.
9
COM
Common
The common pin defines the zero reference point for all single ended inputs. It must be free of noise and is
usually tied to the analog ground plane.
10
DGND
Digital Ground
This is the ground for the internal logic. Tie to the ground plane.
11
V
Negative Supply
Tie V
to most negative potential in the circuit (Ground in single supply applications).
12
AGND
Analog Ground
AGND should be tied directly to the analog ground plane.
13, 14 REF
, REF+ Ref. Inputs
The reference inputs must be kept free of noise with respect to AGND. The A/D sees a reference voltage equal
to the difference between REF
+ and REF.
15
DIN
Data Input
The A/D configuration word is shifted into this input.
16
DOUT
Digital Data Output The A/D conversion result is shifted out of this output.
17
CS
Chip Select Input
A logic low on this input enables data transfer.
18
CLK
Clock
This clock synchronizes the serial data transfer and controls A/D conversion rate.
19
SSO
System Shutdown
System Shutdown Output pin will go low when power shutdown is requested.
Output
20
VCC
Positive Supply
This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane.
LTC1296


Similar Part No. - LTC1293CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1293CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com