Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1415IG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1415IG
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415IG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1415IG Datasheet HTML 6Page - Linear Technology LTC1415IG Datasheet HTML 7Page - Linear Technology LTC1415IG Datasheet HTML 8Page - Linear Technology LTC1415IG Datasheet HTML 9Page - Linear Technology LTC1415IG Datasheet HTML 10Page - Linear Technology LTC1415IG Datasheet HTML 11Page - Linear Technology LTC1415IG Datasheet HTML 12Page - Linear Technology LTC1415IG Datasheet HTML 13Page - Linear Technology LTC1415IG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1415
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa + – nfb, where m and n = 0, 1, 2,
3, etc. For example, the 2nd order IMD terms include
(fa + fb). If the two input sine waves are equal in magni-
tude, the value (in decibels) of the 2nd order IMD products
can be expressed by the following formula:
IMD fa
fb
Log
+
() = 20
Amplitude at (fa + fb)
Amplitude at fa
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibels relative to the RMS value of
a full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is
reduced by 3dB for a full-scale input signal.
The full-linear bandwidth is the input frequency at which
the S/(N + D) has dropped to 68dB (11 effective bits). The
LTC1415 has been designed to optimize input bandwidth,
allowing the ADC to undersample input signals with fre-
quencies above the converter’s Nyquist Frequency. The
noise floor stays very low at high frequencies; S/(N + D)
becomes dominated by distortion at frequencies far
beyond Nyquist.
Driving the Analog Input
The differential analog inputs of the LTC1415 are easy to
drive. The inputs may be driven differentially or as a single-
ended input (i.e., the –AIN input is grounded). The +AIN and
–AIN inputsaresampledatthesameinstant.Anyunwanted
signal that is common mode to both inputs will be reduced
by the common mode rejection of the sample-and-hold
circuit. The inputs draw only one small current spike while
charging the sample-and-hold capacitors at the end of
conversion. During conversion the analog inputs draw
APPLICATIONS INFORMATION
only a small leakage current. If the source impedance of the
driving circuit is low, then the LTC1415 inputs can be
driven directly. As source impedance increases so will
acquisition time (see Figure 6). For minimum acquisition
time with high source impedance, a buffer amplifier should
be used. The only requirement is that the amplifier driving
the analog input(s) must settle after the small current spike
before the next conversion starts (settling time must be
150ns for full throughput rate).
SOURCE RESISTANCE (k
Ω)
0.01
1
1415 F06
0.1
0.01
0.1
110
100
10
Figure 6. Acquisition Time vs Source Resistance
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude
of the voltage spike seen by the amplifier from charging
the sampling capacitor, choose an amplifier that has a
low output impedance (< 100
Ω) at the closed-loop band-
width frequency. For example, if an amplifier is used in a
gain of +1 and has a unity-gain bandwidth of 50MHz, then
the output impedance at 50MHz should be less than
100
Ω. The second requirement is that the closed-loop
bandwidth must be greater than 20MHz to ensure
adequate small-signal settling for full throughput rate. If
slower op amps are used, more settling time can be
provided by increasing the time between conversions.
The best choice for an op amp to drive the LTC1415 will
depend on the application. Generally applications fall into
two categories: AC applications where dynamic specifi-
cations are most critical and time domain applications
where DC accuracy and settling time are most critical.


Similar Part No. - LTC1415IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
More results

Similar Description - LTC1415IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com