Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1418I Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1418I
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418I Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1418I Datasheet HTML 5Page - Linear Technology LTC1418I Datasheet HTML 6Page - Linear Technology LTC1418I Datasheet HTML 7Page - Linear Technology LTC1418I Datasheet HTML 8Page - Linear Technology LTC1418I Datasheet HTML 9Page - Linear Technology LTC1418I Datasheet HTML 10Page - Linear Technology LTC1418I Datasheet HTML 11Page - Linear Technology LTC1418I Datasheet HTML 12Page - Linear Technology LTC1418I Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1418
APPLICATIONS INFORMATION
Referring to Figure 1, the AIN+ and AIN– inputs are con-
nected to the sample-and-hold capacitors (CSAMPLE) dur-
ing the acquire phase and the comparator offset is nulled by
the zeroing switches. In this acquire phase, a minimum
delay of 1
µs will provide enough time for the sample-and-
hold capacitors to acquire the analog signal. During the
convert phase the comparator zeroing switches open,
putting the comparator into compare mode. The input
switches the CSAMPLE capacitors to ground, transferring
the differential analog input charge onto the summing
junction. This input charge is successively compared with
the binary weighted charges supplied by the differential
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the differential
DAC output balances the AIN
+ and AIN– input charges. The
SAR contents (a 14-bit data word) which represent the
difference of AIN+ and AIN– are loaded into the 14-bit
output latches.
DYNAMIC PERFORMANCE
The LTC1418 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental. Figure 2 shows a
typical LTC1418 FFT plot.
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 2a shows a typical spectral content with
a 200kHz sampling rate and a 10kHz input. The dynamic
performance is excellent for input frequencies up to and
beyond the Nyquist limit of 100kHz.
FREQUENCY (kHz)
0
10
305070
90
0
–20
–40
–60
–80
–100
–120
20
40
60
80
1418 F02a
100
fSAMPLE = 200kHz
fIN = 9.9609375kHz
SFDR = 99.32
SINAD = 82.4
Figure 2a. LTC1418 Nonaveraged, 4096 Point FFT,
Input Frequency = 10kHz
FREQUENCY (kHz)
0
10
305070
90
0
–20
–40
–60
–80
–100
–120
20
40
60
80
1418 F02b
100
fSAMPLE = 200kHz
fIN = 97.509765kHz
SFDR = 94.29
SINAD = 81.4
Figure 2b. LTC1418 Nonaveraged, 4096 Point FFT,
Input Frequency = 97.5kHz
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 200kHz the LTC1418 maintains near ideal ENOBs
up to the Nyquist input frequency of 100kHz (refer to
Figure 3).


Similar Part No. - LTC1418I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
More results

Similar Description - LTC1418I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC1417 LINER-LTC1417 Datasheet
394Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
logo
Maxim Integrated Produc...
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
   14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com