Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKD600-08PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-VSKD600-08PBF
Description  Standard Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKD600-08PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-VSKD600-08PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSKD600-08PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-VSKD600 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Apr-15
2
Document Number: 93583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
600
A
100
°C
Maximum RMS forward current
IF(RMS)
180° conduction, half sine wave at TC = 100 °C
942
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
19.0
kA
t = 8.3 ms
20.1
t = 10 ms
100 % VRRM
reapplied
16.2
t = 8.3 ms
17.2
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1805
kA2s
t = 8.3 ms
1683
t = 10 ms
100 % VRRM
reapplied
1319
t = 8.3 ms
1230
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
18 050
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x IF(AV) < I < π x IF(AV)), TJ = TJ maximum
0.70
V
High level value of threshold voltage
VF(TO)2
(I >
π x IF(AV)), TJ = TJ maximum
0.77
Low level value of forward slope resistance
rf1
(16.7 % x
π x IF(AV) < I < π x IF(AV)), TJ = TJ maximum
0.28
m
Ω
High level value of forward slope resistance
rf2
(I >
π x IF(AV)), TJ = TJ maximum
0.25
Maximum forward voltage drop
VFM
Ipk = 1800 A, TJ = 25 °C, tp = 10 ms sine pulse
1.45
V
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
RMS insulation voltage
VINS
t = 1 s
3000
V
Maximum peak reverse and off-state leakage
current
IRRM
TJ = TJ maximum, rated VRRM applied
50
mA
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and storage
temperature range
TJ, TStg
-40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.065
K/W
Maximum thermal resistance,
case to heatsink per module
RthC-hs
Mounting surface smooth, flat and greased
0.02
Mounting torque ± 10 %
SMAP to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
6 to 8
Nm
busbar to SMAP
12 to 15
Approximate weight
1500
g
Case style
See dimensions - link at the end of datasheet
SUPER MAGN-A-PAK
ΔRthJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.009
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
90°
0.014
0.015
60°
0.021
0.022
30°
0.037
0.038


Similar Part No. - VS-VSKD600-08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
More results

Similar Description - VS-VSKD600-08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRKD91-12A IRF-IRKD91-12A Datasheet
120Kb / 7P
   STANDARD DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com