Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKD600-16PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-VSKD600-16PBF
Description  Standard Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKD600-16PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-VSKD600-16PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSKD600-16PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-VSKD600 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Apr-15
4
Document Number: 93583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Forward Power Loss Characteristics
0
255075
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.1
2
K/
W
0.
16
K/ W
0.25
K/W
0.35
K/ W
0.5 K/ W
0
200
400
600
800
1000
0
200
400
600
800
1000
Total RMS Output Current (A)
VSKD600.. Series
Per Junction
T
= 150°C
J
180°
(Sine)
DC
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C )
0.0
3 K
/ W
0.0
4
K/W
0.0
5
K/W
0.08
K/ W
0.12
K/ W
0.2 K/ W
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
1200
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x VSKD600.. Series
Single Phase Bridge
Connected
T
= 150°C
J
025
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C )
0.0
2
K/
W
0.0
3
K/W
0.0
5 K/
W
0.08
K/ W
0.12 K/W
0.2 K/W
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
300
600
900
1200
1500
1800
Total Output Current (A)
120°
(Rect)
3 x VSKD600.. Series
Three Phase Bridge
Connected
T
= 150°C
J


Similar Part No. - VS-VSKD600-16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
More results

Similar Description - VS-VSKD600-16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRKD91-12A IRF-IRKD91-12A Datasheet
120Kb / 7P
   STANDARD DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com