Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-ST183S08PFL0P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-ST183S08PFL0P
Description  Inverter Grade Thyristors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST183S08PFL0P Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-ST183S08PFL0P Datasheet HTML 1Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 2Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 3Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 4Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 5Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 6Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 7Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 8Page - Vishay Siliconix VS-ST183S08PFL0P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VS-ST183SP Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
5
Document Number: 94369
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
2000
1
10
100
2500
3000
3500
4000
4500
Number of Equal Amplitude Half Cycle
Current Pulses (N)
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
ST183S Series
At any rated load condition and with
rated V
RRM applied following surge
0.01
0.1
1
2000
2500
3000
3500
4000
5000
Pulse Train Duration (s)
4500
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
ST183S Series
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1000
10 000
Instantaneous On-State Voltage (V)
ST183S Series
T
J = 25 °C
T
J = 125 °C
0.01
0.01
0.1
1
10
0.001
0.1
1
Square Wave Pulse Duration (s)
ST183S Series
0.001
Steady state value
R
thJC = 0.105 K/W
(DC operation)
0
20
0
406080
100
50
100
150
200
250
ST183S Series
T
J = 125 °C
dI/dt - Rate of Fall of On-State Current (A/µs)
I TM
= 500
A
I TM
= 300
A
I TM
= 200
A
ITM =
100 A
I
TM = 50 A
0
20
40
60
80
100
120
dI/dt - Rate of Fall of On-State Current (A/µs)
ST183S Series
T
J = 125 °C
20
0
40
60
80
100
I TM
= 500
A
I TM
= 100
A
I TM
= 50
A
I TM
= 200
A
I TM
= 300
A
140
160


Similar Part No. - VS-ST183S08PFL0P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST183S08P VISHAY-VS-ST183S08P Datasheet
288Kb / 10P
   Inverter Grade Thyristors (Stud Version), 195 A
01-Jan-2022
More results

Similar Description - VS-ST183S08PFL0P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com