Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKD600-20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKD600-20
Description  Standard Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD600-20 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKD600-20 Datasheet HTML 1Page - Vishay Siliconix VSKD600-20 Datasheet HTML 2Page - Vishay Siliconix VSKD600-20 Datasheet HTML 3Page - Vishay Siliconix VSKD600-20 Datasheet HTML 4Page - Vishay Siliconix VSKD600-20 Datasheet HTML 5Page - Vishay Siliconix VSKD600-20 Datasheet HTML 6Page - Vishay Siliconix VSKD600-20 Datasheet HTML 7Page - Vishay Siliconix VSKD600-20 Datasheet HTML 8Page - Vishay Siliconix VSKD600-20 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-VSKD600 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Apr-15
3
Document Number: 93583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSKD600.. Series
RthJC (DC) = 0.065 K/W
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSKD600.. Series
RthJC (DC) = 0.065 K/W
80
90
100
110
120
130
140
150
0
200
400
600
800
1000
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
VSKD600.. Series
R
(DC) = 0.065 K/W
thJC
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
VSKD600.. Series
Per Junction
T
= 150°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
VSKD600.. Series
Per Junction
T
= 150°C
J
4000
6000
8000
10000
12000
14000
16000
18000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
VSKD600.. Series
Per Junction
Initial T
= 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
4000
6000
8000
10000
12000
14000
16000
18000
20000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curren t
Initial T
= 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration
.
J
VSKD600.. Series
Per Junction


Similar Part No. - VSKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600-20 VISHAY-VSKD600-20 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VSKD600-20 VISHAY-VSKD600-20 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results

Similar Description - VSKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRKD91-12A IRF-IRKD91-12A Datasheet
120Kb / 7P
   STANDARD DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com