Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-ST303S04 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-ST303S04
Description  Inverter Grade Thyristors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST303S04 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-ST303S04 Datasheet HTML 1Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 2Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 3Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 4Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 5Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 6Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 7Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 8Page - Vishay Siliconix VS-ST303S04 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VS-ST303SP Series
www.vishay.com
Vishay Semiconductors
Revision: 08-Jul-14
4
Document Number: 94375
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST303SSeries
R
(DC) = 0.10 K/ W
thJC
40
50
60
70
80
90
100
110
120
130
0100
200
300
400
500
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
ST303SSeries
R
(DC) = 0.10 K/ W
thJC
25
50
75
100
125
Maximum Allowab le Ambient Temperature (°C)
0.3
K/ W
0.5 K/
W
0.2
K/ W
0.1
6 K
/ W
0.1
2
K/ W
0.0
6
K/
W
0.0
8
K/ W
0
100
200
300
400
500
600
0
50
100
150
200
250
300
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average On-state Current (A)
ST303SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowab le Ambient Temperature (°C)
R
=
0.0
1
K/
W
- D
elt
a
R
th
SA
0.3 K/
W
0.5 K/ W
0.2
K/ W
0.1
2 K
/ W
0.0
6
K/W
0.0
3
K/
W
0
100
200
300
400
500
600
700
800
900
0
50 100 150200 250300 350400 450500
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
ST303SSeries
T = 125°C
J


Similar Part No. - VS-ST303S04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST303SP VISHAY-VS-ST303SP Datasheet
327Kb / 10P
   High surge current capability
Revision: 15-Mar-17
VS-ST303SP VISHAY-VS-ST303SP Datasheet
324Kb / 10P
   Inverter Grade Thyristors (Stud Version), 300 A
01-Jan-2022
VS-ST303SP VISHAY-VS-ST303SP_V01 Datasheet
324Kb / 10P
   Inverter Grade Thyristors (Stud Version), 300 A
01-Jan-2022
More results

Similar Description - VS-ST303S04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com