Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-ST333C08CFL0 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-ST333C08CFL0
Description  Inverter Grade Thyristors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST333C08CFL0 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-ST333C08CFL0 Datasheet HTML 1Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 2Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 3Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 4Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 5Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 6Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 7Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 8Page - Vishay Siliconix VS-ST333C08CFL0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VS-ST333C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Dec-13
4
Document Number: 93678
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
0
10 0
20 0
30 0
4 0 0
5 0 0
60 0
30°
60 °
90°
120°
180°
Average On -state Current (A)
Co nd uc tio n A ng le
ST3 33C..C Series
(Single Side Cooled)
R
(DC) = 0 .09 K/W
th J- hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00 20 0 3 00 4 0 0 5 0 0 600 7 00 8 0 0 9 0 0
DC
30°
60 °
90°
12 0°
18 0 °
A v e ra g e O n -st a te C u rre n t ( A )
Co nd uc tio n P e rio d
ST 333C ..C S e ries
(Sin g le S id e C o o le d )
R
( D C ) = 0 .0 9 K / W
th J -hs
10
20
30
40
50
60
70
80
90
100
110
120
130
0
2 00
4 0 0
6 0 0
8 0 0
1 00 0
30°
60 °
90 °
120 °
180 °
Av e ra g e O n - sta te C u rre n t ( A )
Co nd uctio n A ng le
ST 3 3 3 C ..C S e r ie s
(D o ub le Sid e C o o le d )
R
( D C ) = 0 .0 4 K /W
thJ -h s
20
30
40
50
60
70
80
90
100
110
120
130
0
200 400 6 00 800 1000 1200 1400 1 60 0
DC
30°
60°
90°
120°
180°
Average O n-state Current (A)
Co nd uctio n Pe riod
ST333C..C Series
( Double Side Cooled )
R
(DC) = 0.04 K/W
th J -hs
0
20 0
40 0
60 0
80 0
100 0
120 0
140 0
160 0
180 0
200 0
220 0
0
2 00
400
6 00
8 0 0
1 0 0 0
18 0 °
12 0 °
90°
60°
30°
RM S L im it
Co nd uctio n A ng le
A v e ra g e O n -sta te C u rre n t ( A )
ST 3 3 3 C ..C S e r ie s
T = 1 2 5°C
J
0
200
400
600
800
10 0 0
12 0 0
14 0 0
16 0 0
18 0 0
20 0 0
22 0 0
24 0 0
26 0 0
0
2 00 400 6 00 800 1 00 0 1 20 0 1 400 1 6 0 0
DC
180 °
120 °
90°
60°
30°
RM S L im it
Co nd uctio n Pe rio d
A v e ra g e O n -sta te C u rre n t ( A )
ST3 3 3 C ..C Se rie s
T = 1 2 5°C
J


Similar Part No. - VS-ST333C08CFL0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
More results

Similar Description - VS-ST333C08CFL0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com