Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1435
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435 Datasheet(HTML) 3 Page - Linear Technology

  LTC1435 Datasheet HTML 1Page - Linear Technology LTC1435 Datasheet HTML 2Page - Linear Technology LTC1435 Datasheet HTML 3Page - Linear Technology LTC1435 Datasheet HTML 4Page - Linear Technology LTC1435 Datasheet HTML 5Page - Linear Technology LTC1435 Datasheet HTML 6Page - Linear Technology LTC1435 Datasheet HTML 7Page - Linear Technology LTC1435 Datasheet HTML 8Page - Linear Technology LTC1435 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1435
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
LTC1435CG/LTC1435CS: 0
°C ≤ TA ≤ 70°C
LTC1435IG/LTC1435IS: – 40
°C ≤ TA ≤ 85°C
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC1435CG/LTC1435IG: TJ = TA + (PD)(130°C/W)
LTC1435CS/LTC1435IS: TJ = TA + (PD)(110°C/W)
Note 2: The LTC1435 is tested in a feedback loop which servos VOSENSE
to the balance point for the error amplifier (VITH = 1.19V).
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 4: Oscillator frequency is tested by measuring the COSC charge and
discharge currents and applying the formula:
fOSC (kHz) =
+
–1
8.4(108)
COSC (pF) + 11
() 1
ICHG
()1
IDIS
TA = 25°C, VIN = 15V, VRUN/SS = 5V unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1435 G01
25
30
95
ILOAD = 1A
ILOAD = 100mA
VOUT = 3.3V
Efficiency vs Input Voltage
VOUT = 3.3V
VIN – VOUT Dropout Voltage
vs Load Current
LOAD CURRENT (A)
0
0
0.2
0.1
0.3
0.4
0.5
0.5
1.0
1.5
2.0
1435 G04
2.5
3.0
RSENSE = 0.033Ω
VOUT DROP OF 5%
LOAD CURRENT (A)
0.001
50
55
65
70
75
100
85
0.01
0.1
1
1435 G03
60
90
95
80
10
CONTINUOUS
MODE
VIN = 10V
VOUT = 5V
RSENSE = 0.033Ω
Burst Mode
OPERATION
Efficiency vs Load Current
VITH Pin Voltage vs Output Current
OUTPUT CURRENT (%)
0
1.0
2.0
3.0
0.5
1.5
2.5
20
40
60
80
1435 G06
100
10
030
50
70
90
Burst Mode
OPERATION
CONTINUOUS
MODE
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1435 G02
25
30
95
ILOAD = 1A
ILOAD = 100mA
VOUT = 5V
Efficiency vs Input Voltage
VOUT = 5V
Load Regulation
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
1435 G05
2.5
3.0
– 0.25
– 0.50
– 0.75
–1.00
–1.25
–1.50
RSENSE = 0.033Ω


Similar Part No. - LTC1435

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435AC LINER-LTC1435AC Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACG LINER-LTC1435ACG Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACS LINER-LTC1435ACS Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com