Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1435C
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1435C Datasheet HTML 2Page - Linear Technology LTC1435C Datasheet HTML 3Page - Linear Technology LTC1435C Datasheet HTML 4Page - Linear Technology LTC1435C Datasheet HTML 5Page - Linear Technology LTC1435C Datasheet HTML 6Page - Linear Technology LTC1435C Datasheet HTML 7Page - Linear Technology LTC1435C Datasheet HTML 8Page - Linear Technology LTC1435C Datasheet HTML 9Page - Linear Technology LTC1435C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1435
FUNCTIONAL DIAGRA
+
+
+
+
SWITCH
LOGIC
DROP
OUT
DET
0.6V
1.19V
Q
S
R
I1
INTVCC
4k
+
8k
180k
30k
+
+
EA
SHUTDOWN
6V
3
µA
1.19V
1.28V
+
4.8V
VIN
SHUTDOWN
1.19V
REF
CSS
CC
RC
RUN/SS
2
ITH
3
DFB*
SENSE+
7
8
SENSE
EXTVCC
9
+
R2
VOSENSE
OV
1
µA
OSC
PGND
10
BG
INTVCC
12
SW
14
TG
16
BOOST
SGND
VIN
13
SFB
4
COSC
1
RSENSE
+
+
VSEC
CSEC
VOUT
COUT
D1
CB
DB
INTVCC
+
CIN
VIN
COSC
5V
LDO
REG
RUN
SOFT
START
1435 • FD
VFB
R1
I2
gm = 1m
* FOLDBACK CURRENT LIMITING OPTION
5
6
11
15


Similar Part No. - LTC1435C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435AC LINER-LTC1435AC Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACG LINER-LTC1435ACG Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACS LINER-LTC1435ACS Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com