Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435IG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1435IG
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435IG Datasheet(HTML) 1 Page - Linear Technology

  LTC1435IG Datasheet HTML 1Page - Linear Technology LTC1435IG Datasheet HTML 2Page - Linear Technology LTC1435IG Datasheet HTML 3Page - Linear Technology LTC1435IG Datasheet HTML 4Page - Linear Technology LTC1435IG Datasheet HTML 5Page - Linear Technology LTC1435IG Datasheet HTML 6Page - Linear Technology LTC1435IG Datasheet HTML 7Page - Linear Technology LTC1435IG Datasheet HTML 8Page - Linear Technology LTC1435IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1435
High Efficiency Low Noise
Synchronous Step-Down
Switching Regulator
Figure 1. High Efficiency Step-Down Converter
FEATURES
DESCRIPTION
s
Dual N-Channel MOSFET Synchronous Drive
s
Programmable Fixed Frequency
s
Wide VIN Range: 3.5V to 36V Operation
s
Ultrahigh Efficiency
s
Very Low Dropout Operation: 99% Duty Cycle
s
Low Standby Current
s
Secondary Feedback Control
s
Programmable Soft Start
s
Remote Output Voltage Sense
s
Logic Controlled Micropower Shutdown: IQ < 25µA
s
Foldback Current Limiting (Optional)
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Output Voltages from 1.19V to 9V
s
Available in 16-Lead Narrow SO and SSOP Packages
The LTC
®1435 is a synchronous step-down switching
regulator controller that drives external N-channel power
MOSFETs using a fixed frequency architecture. Burst
Mode
TM operation provides high efficiency at low load
currents. A maximum duty cycle limit of 99% provides low
dropout operation which extends operating time in bat-
tery-operated systems.
The operating frequency is set by an external capacitor
allowing maximum flexibility in optimizing efficiency. A
secondary winding feedback control pin, SFB, guarantees
regulation regardless of load on the main output by
forcing continuous operation. Burst Mode operation is
inhibited when the SFB pin is pulled low which reduces
noise and RF interference.
Soft start is provided by an external capacitor which can
be used to properly sequence supplies. The operating
current level is user-programmable via an external current
sense resistor. Wide input supply range allows operation
from 3.5V to 30V (36V maximum).
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
s
Notebook and Palmtop Computers, PDAs
s
Cellular Telephones and Wireless Modems
s
Portable Instruments
s
Battery-Operated Devices
s
DC Power Distribution Systems
APPLICATIONS
TYPICAL APPLICATION
ITH
TG
COSC
68pF
CC
330pF
100pF
RC
10k
CSS
0.1
µF
SENSE
SENSE+
LTC1435
1000pF
+
4.7
µF
DB
CMDSH-3
CB
0.1
µF
M2
Si4412DY
D1
MBRS140T3
L1
10
µH
M1
Si4412DY
RSENSE
0.033
+
CIN
22
µF
35V
× 2
VIN
4.5V TO 28V
+
COUT
100
µF
10V
× 2
R1
32.4k
R2
22.1k
VOUT
2.9V/3.5A
PGND
BG
COSC
VIN
VOSENSE
BOOST
1435 F01
SGND
RUN/SS
SW
INTVCC


Similar Part No. - LTC1435IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435AC LINER-LTC1435AC Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACG LINER-LTC1435ACG Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACS LINER-LTC1435ACS Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com