Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435AIS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1435AIS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435AIS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1435AIS Datasheet HTML 2Page - Linear Technology LTC1435AIS Datasheet HTML 3Page - Linear Technology LTC1435AIS Datasheet HTML 4Page - Linear Technology LTC1435AIS Datasheet HTML 5Page - Linear Technology LTC1435AIS Datasheet HTML 6Page - Linear Technology LTC1435AIS Datasheet HTML 7Page - Linear Technology LTC1435AIS Datasheet HTML 8Page - Linear Technology LTC1435AIS Datasheet HTML 9Page - Linear Technology LTC1435AIS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1435A
FUNCTIONAL DIAGRA
+
+
+
+
SWITCH
LOGIC
DROP
OUT
DET
0.6V
1.19V
Q
S
R
I1
INTVCC
4k
+
8k
180k
30k
+
+
EA
SHUTDOWN
6V
3
µA
1.19V
1.28V
+
4.8V
VIN
SHUTDOWN
1.19V
REF
CSS
CC
RC
RUN/SS
2
ITH
3
DFB*
SENSE+
7
8
SENSE
EXTVCC
9
+
R2
VOSENSE
OV
1
µA
OSC
PGND
10
BG
INTVCC
12
SW
14
TG
16
BOOST
SGND
VIN
13
SFB
4
COSC
1
RSENSE
+
+
VSEC
CSEC
VOUT
COUT
D1
CB
DB
INTVCC
+
CIN
VIN
COSC
5V
LDO
REG
RUN
SOFT
START
1435A • FD
VFB
R1
I2
gm = 1m
* FOLDBACK CURRENT LIMITING OPTION
5
6
11
15
(Refer to Functional Diagram)
OPERATION
Main Control Loop
The LTC1435A uses a constant frequency, current mode
step-down architecture. During normal operation, the top
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the main current com-
parator I1 resets the RS latch. The peak inductor current at
which I1 resets the RS latch is controlled by the voltage on
the ITH pin , which is the output of error amplifier EA. The
VOSENSEpin, described in the Pin Functions section, allows
EA to receive an output feedback voltage VFB from an ex-
ternal resistive divider. When the load current increases,
it causes a slight decrease in VFB relative to the 1.19V ref-
erence, which in turn causes the ITHvoltagetoincreaseuntil
the average inductor current matches the new load current.
While the top MOSFET is off, the bottom MOSFET is turned
on until either the inductor current starts to reverse, as
indicated by current comparator I2, or the beginning of the
next cycle.
The top MOSFET driver is biased from floating bootstrap
capacitor CB, which normally is recharged during each off
cycle. However, when VIN decreases to a voltage close to
VOUT, the loop may enter dropout and attempt to turn on
the top MOSFET continuously. The dropout detector counts
the number of oscillator cycles that the top MOSFET remains


Similar Part No. - LTC1435AIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435AIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com