Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1440IN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1440IN8
Description  Ultralow Power Single/Dual Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440IN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1440IN8 Datasheet HTML 4Page - Linear Technology LTC1440IN8 Datasheet HTML 5Page - Linear Technology LTC1440IN8 Datasheet HTML 6Page - Linear Technology LTC1440IN8 Datasheet HTML 7Page - Linear Technology LTC1440IN8 Datasheet HTML 8Page - Linear Technology LTC1440IN8 Datasheet HTML 9Page - Linear Technology LTC1440IN8 Datasheet HTML 10Page - Linear Technology LTC1440IN8 Datasheet HTML 11Page - Linear Technology LTC1440IN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1440/LTC1441/LTC1442
APPLICATIONS INFORMATION
V +
R1
430
R2
10k
C1
1
µF
5V
TO
8V
OUT
V
21
7
8
GND
LTC1440
1440/1/2 F03a
IN+
IN
HYST
REF
3
4
5
6
R3
2.4M
+
Figure 3a. Reference Transient Response Test Circuit
2ms/ DIV
1440/1/2 F03b
8V
V+
5V
VREF
OUT
Hysteresis
Hysteresis can be added to the LTC1440 by connecting a
resistor (R1) between the REF and HYST pins and a
second resistor (R2) from HYST to V (Figure 4).
The difference between the upper and lower threshold
voltages, or hysteresis voltage band (VHB), is equal to twice
the voltage difference between the REF and HYST pins.
When more hysteresis is added, the upper threshold
increases the same amount as the low threshold de-
creases. The maximum voltage allowed between REF and
HYST pins is 50mV, producing a maximum hysteresis
voltage band of 100mV. The hysteresis band could vary by
up to 15%. If hysteresis is not wanted, the HYST pin
should be shorted to REF. Acceptable values for IREF range
from 0.1
µA to 5µA. If 2.4M is chosen for R2, then the value
of R1 is equal to the value of VHB.
Figure 5. Glitch-Free Level Detector with Hysteresis
V +
R5
430
5%
R3
15k
1%
C1
1
µF
OUT
V
21
7
5V
VIN
8
GND
LTC1440
1440/1/2 F05
IN+
IN
HYST
REF
3
4
5
6
+
R2
3.4M
1%
R1
1.18M
1%
R4
2.4M
1%
6
R2
HYST
V
REF
5
R1
1440/1/2 F04
LTC1440
2
IREF
R1 =
VHB
(2)(IREF)
R2 =
IREF
1.182V –
()
VHB
2
Figure 4. Programmable Hysteresis
Level Detector
The LTC1440 is ideal for use as a micropower level
detector as shown in Figure 5. R1 and R2 form a voltage
divider from VIN to the noninverting comparator input. R3
and R4 set the hysteresis voltage, and R5 and C1 bypass
the reference output. The following design procedure can
be used to select the component values:
1. Choose the VIN voltage trip level, in this example 4.65V.
Figure 3b. Reference and Comparator Output
Transient Response


Similar Part No. - LTC1440IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440IN8 LINER-LTC1440IN8 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results

Similar Description - LTC1440IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com