Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1128 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1128
Description  Ultralow Noise Precision High Speed Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128 Datasheet(HTML) 3 Page - Linear Technology

  LT1128_15 Datasheet HTML 1Page - Linear Technology LT1128_15 Datasheet HTML 2Page - Linear Technology LT1128_15 Datasheet HTML 3Page - Linear Technology LT1128_15 Datasheet HTML 4Page - Linear Technology LT1128_15 Datasheet HTML 5Page - Linear Technology LT1128_15 Datasheet HTML 6Page - Linear Technology LT1128_15 Datasheet HTML 7Page - Linear Technology LT1128_15 Datasheet HTML 8Page - Linear Technology LT1128_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT1028/LT1128
3
1028fc
For more information www.linear.com/LT1028
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1028ACN8#PBF
N/A
LT1028ACN8
8-Lead PDIP
0°C to 70°C
LT1028CN8#PBF
N/A
LT1028CN8
8-Lead PDIP
0°C to 70°C
LT1128ACN8#PBF
N/A
LT1128ACN8
8-Lead PDIP
0°C to 70°C
LT1128CN8#PBF
N/A
LT1128CN8
8-Lead PDIP
0°C to 70°C
LT1028CS8#PBF
LT1028CS8#TRPBF
1028
8-Lead Plastic Small Outline
0°C to 70°C
LT1128CS8#PBF
LT1128CS8#TRPBF
1128
8-Lead Plastic Small Outline
0°C to 70°C
LT1028CSW#PBF
LT1028CSW#TRPBF
LT1028CSW
16-Lead Plastic SOIC (Wide)
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to:
For more information on tape and reel specifications, go to:
elecTrical characTerisTics V
S = ±15V, TA = 25°C unless otherwise noted.
LT1028AM/AC
LT1128AM/AC
LT1028M/C
LT1128M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
10
40
20
80
µV
∆VOS
∆Time
Long Term Input Offset
Voltage Stability
(Note 3)
0.3
0.3
µV/Mo
IOS
Input Offset Current
VCM = 0V
12
50
18
100
nA
IB
Input Bias Current
VCM = 0V
±25
±90
±30
±180
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 4)
35
75
35
90
nVP-P
Input Noise Voltage Density
fO = 10Hz (Note 5)
fO = 1000Hz, 100% Tested
1.00
0.85
1.7
1.1
1.0
0.9
1.9
1.2
nV/√Hz
nV/√Hz
In
Input Noise Current Density
fO = 10Hz (Notes 4 and 6)
fO = 1000Hz, 100% Tested
4.7
1.0
10.0
1.6
4.7
1.0
12.0
1.8
pA/√Hz
pA/√Hz
Input Resistance
Common Mode
Differential Mode
300
20
300
20
Input Capacitance
5
5
pF
Input Voltage Range
±11.0
±12.2
±11.0
±12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11V
114
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
117
133
110
132
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
RL ≥ 1k, VO = ±10V
RL ≥ 600Ω, VO = ±10V
7.0
5.0
3.0
30.0
20.0
15.0
5.0
3.5
2.0
30.0
20.0
15.0
V/µV
V/µV
V/µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
RL ≥ 600Ω
±12.3
±11.0
±13.0
±12.2
±12.0
±10.5
±13.0
±12.2
V
V
SR
Slew Rate
AVCL = –1
LT1028
AVCL = –1
LT1128
11.0
5.0
15.0
6.0
11.0
4.5
15.0
6.0
V/µs
V/µs
GBW
Gain-Bandwidth Product
fO = 20kHz (Note 7)
LT1028
fO = 200kHz (Note 7)
LT1128
50
13
75
20
50
11
75
20
MHz
MHz
ZO
Open-Loop Output Impedance
VO = 0, IO = 0
80
80
Ω
IS
Supply Current
7.4
9.5
7.6
10.5
mA


Similar Part No. - LT1128_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128AC LINER-LT1128AC Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1128ACN8 LINER-LT1128ACN8 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1128ACN8 LINER-LT1128ACN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128AM LINER-LT1128AM Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1128AMJ8 LINER-LT1128AMJ8 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
More results

Similar Description - LT1128_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028_01 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com