Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HADWQ-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD4448HADWQ-7-F
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD4448HADWQ-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD4448HADWQ-7-F Datasheet HTML 1Page - Diodes Incorporated MMBD4448HADWQ-7-F Datasheet HTML 2Page - Diodes Incorporated MMBD4448HADWQ-7-F Datasheet HTML 3Page - Diodes Incorporated MMBD4448HADWQ-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD4448HCQW /AQW
/ADW /CDW /SDW /TW
Document number: DS30153 Rev. 18 - 2
1 of 4
www.diodes.com
July 2012
© Diodes Incorporated
MMBD4448HCQW /AQW
/ADW /CDW /SDW /TW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Features
Fast Switching Speed
Low Forward Voltage: Maximum of 0.72V at 5mA
Low Reverse Current: Maximum of 100nA at 70V
Fast Reverse Recovery: Maximum of 4ns
Low Capacitance: Maximum of 3.5pF
Small Surface Mount Package
For General Purpose Switching Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
 
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT353 or SOT363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Orientation: See Diagrams Below
Weight: 0.006 grams (approximate)
A
2
A
1
C
A
3
A
4
C
2
C
1
NC
A
C
3
C
4
A
1
A
2
C
2
C
1
C
2
C
1
C
1
C
2
A
2
A
1
A
2
A
1
AC
1
AC
2
C
2
A
1
A
2
C
1
C
1
A
3
C
2
A
1
C
3
A
2
SOT-353
TOP VIEW
SOT-363
TOP VIEW
MMBD4448HCQW
MMBD4448HAQW
MMBD4448HADW
MMBD4448HCDW
MMBD4448HSDW
MMBD4448HTW
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
MMBD4448HADW-7-F
Commercial
SOT363
3000/Tape & Reel
MMBD4448HADWQ-7-F
Automotive
SOT363
3000/Tape & Reel
MMBD4448HAQW-7-F
Commercial
SOT363
3000/Tape & Reel
MMBD4448HCDW-7-F
Commercial
SOT363
3000/Tape & Reel
MMBD4448HCQW-7-F
Commercial
SOT353
3000/Tape & Reel
MMBD4448HSDW-7-F
Commercial
SOT363
3000/Tape & Reel
MMBD4448HTW-7-F
Commercial
SOT363
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
KA4
SOT-353
KA4 = Product Type Marking Code,
KA4 = MMBD4448HCQW
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
KXX
SOT-363
KXX = Product Type Marking Code,
ex. KA5 = MMBD4448HAQW
KAA = MMBD4448HTW
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
KXX
YM
SOT-363
KXX = Product Type Marking Code,
ex. KA6 = MMBD4448HADW
KA7 = MMBD4448HCDW
KAB = MMBD4448HSDW
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
Date Code Key
Year
2000
2001
2002
2003
…..
2012
2013
2014
2015
2016
2017
2018
2019
Code
L
M
N
P
…..
Z
A
B
C
D
E
F
G
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT353/SOT363
e3


Similar Part No. - MMBD4448HADWQ-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HADW DIODES-MMBD4448HADW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
logo
Goodwork Semiconductor ...
MMBD4448HADW GWSEMI-MMBD4448HADW Datasheet
1Mb / 4P
   Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD4448HADW DIODES-MMBD4448HADW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HADW WEITRON-MMBD4448HADW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HADW SECOS-MMBD4448HADW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HADWQ-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
logo
Guangdong Kexin Industr...
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
   Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
   Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Comchip Technology
CDSV5-4448C2 COMCHIP-CDSV5-4448C2 Datasheet
110Kb / 2P
   Surface Mount Fast Switching Diode Array
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM_15 Datasheet
80Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
   Surface Mount Fast Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com