Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3946 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMDT3946
Description  40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3946 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMDT3946_15 Datasheet HTML 1Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 2Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 3Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 4Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 5Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 6Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 7Page - Diodes Incorporated MMDT3946_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MMDT3946
Typical Electrical Characteristics, NPN 3904 (@TA = +25°C unless otherwise specified.)
0
5
15
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
Fig. 2, Input and Output Capacitance vs.
Collector-Base Voltage (NPN-3904)
CB
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 3, Typical DC Current Gain vs.
Collector Current (NPN-3904)
C
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 4, Typical Collector-Emitter
Saturation Voltage vs. Collector Current (NPN-3904)
C
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 5, Typical Base-Emitter
Saturation Voltage vs. Collector Current (NPN-3904)
C
MMDT3946
Datasheet Number DS30123 Rev.12 - 2
4 of 8
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - MMDT3946_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMDT3946 SECOS-MMDT3946_15 Datasheet
1Mb / 9P
   Multi-Chip Transistor
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946_15 Datasheet
131Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
More results

Similar Description - MMDT3946_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904_15 Datasheet
166Kb / 5P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT363
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946FL3 DIODES-MMDT3946FL3 Datasheet
776Kb / 9P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN DFN1310-6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com