Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDO5V0A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TESDO5V0A
Description  Ultra Low Capacitance ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDO5V0A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TESDO5V0A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDO5V0A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDO5V0A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDO5V0A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDO5V0A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
- Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
- Meet IEC61000-4-4 (EFT) rating. 40A (5/50ns)
- Meet IEC61000-4-5 (Lightning) rating. 5A (8/20μs)
- Protects two directional I/O lines
- Working voltage: 5V
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: MSOP-10 small outline plastic package
- Weight: 12 ± 0.5 mg
- Marking code: R0544
SYMBOL
UNIT
PPP
W
IPP
A
TJ , TSTG
oC
SYMBOL
UNIT
VRWM
V
V(BR)
V
IR
μA
CJ
pF
Document Number: DS_S1501024
Version: B15
V
IPP = 5 A
-20
Junction Capacitance
VR = 0 V , f = 1.0 MHz
1
Reverse Leakage Current
VR = 5 V
-1
Clamping Voltage
IPP = 1 A
VC
-15
Reverse Stand-Off Voltage
-
5
Reverse Breakdown Voltage
IR = 1 mA
6-
KV
ESD per IEC 61000-4-2 (Contact)
± 8
Junction and Storage Temperature Range
-55 to +150
PARAMETER
MIN
MAX
Peak Pulse Power (tp=8/20μs waveform)
125
Peak Pulse Current (tp=8/20μs)
5
ESD per IEC 61000-4-2 (Air)
VESD
± 15
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
TESDO5V0A
Taiwan Semiconductor
Ultra Low Capacitance ESD Protection Array
FEATURES
MSOP-10
MECHANICAL DATA


Similar Part No. - TESDO5V0A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDO5V0A TSC-TESDO5V0A Datasheet
218Kb / 4P
   Ultra Low Capacitance ESD Protection Array
More results

Similar Description - TESDO5V0A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
NUP1301-Q NEXPERIA-NUP1301-Q Datasheet
276Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
NUP1301QA-Q NEXPERIA-NUP1301QA-Q Datasheet
252Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com