Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV0005F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RV0005F
Description  HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RV0005F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RV0005F_15 Datasheet HTML 1Page - Solid States Devices, Inc RV0005F_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0005F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SGB _ _ UF SMS __
L
L
L
L Screening2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
Package
SMS = Surface Mount Square Tab
Recovery Time
UF = Ultra Fast
Voltage
10 = 1000 V
15 = 1500 V
20 = 2000 V
25 = 2500 V
30 = 3000 V
35 = 3500 V
SGB10UFSMS
thru
SGB35UFSMS
60 mAMP
1000-3500 VOLTS
60 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
Ultra Fast Recovery: 60 nsec Maximum
PIV to 3500 Volts
Hermetically Sealed
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
Micro Miniature Package
TX, TXV, and Space Level Screening Available
2/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectified
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
9/
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR@PIV
VF4/
IFSM
tRR7/
CJ
JE
Units
Volts
mA
A
Volts
Amps
nsec
pF
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
SGB10UFSMS
1000
60
50
0.1
10
9.5
5
60
1.0
165
SGB15UFSMS
1500
60
50
0.1
10
9.5
5
60
1.0
165
SGB20UFSMS
2000
60
50
0.1
10
9.5
5
60
1.0
165
SGB25UFSMS
2500
60
50
0.1
10
9.5
5
60
1.0
165
SGB30UFSMS
3000
60
50
0.1
10
9.5
5
60
1.0
165
SGB35UFSMS
3500
60
50
0.1
10
9.5
5
60
1.0
165
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a suitable dielectric material.
4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300µsec minimum.
5/ Max. lead temperature for soldering is 250°C, 3/8” from case for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=50mA, IR=100mA, IRR=25mA, TA=25°C.
8/ Consult manufacturing for operating curves.
9/ tP = 1 ms, square wave.
Surface Mount Square
Tab


Similar Part No. - RV0005F_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0005F SSDI-RV0005F Datasheet
32Kb / 2P
   RECTIFIER
More results

Similar Description - RV0005F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
FM1200W RECTRON-FM1200W Datasheet
34Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0098 SSDI-RC0098 Datasheet
26Kb / 1P
   HIGH VOLTAGE RECTIFIER
RA0107B SSDI-RA0107B Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Galaxy Semi-Conductor H...
R2500F BILIN-R2500F Datasheet
40Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com