Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1484IN8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1484IN8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484IN8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1484IN8 Datasheet HTML 1Page - Linear Technology LTC1484IN8 Datasheet HTML 2Page - Linear Technology LTC1484IN8 Datasheet HTML 3Page - Linear Technology LTC1484IN8 Datasheet HTML 4Page - Linear Technology LTC1484IN8 Datasheet HTML 5Page - Linear Technology LTC1484IN8 Datasheet HTML 6Page - Linear Technology LTC1484IN8 Datasheet HTML 7Page - Linear Technology LTC1484IN8 Datasheet HTML 8Page - Linear Technology LTC1484IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1484
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G04
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
VCC = 5V
VCM = –7V
VCM = 12V
VCM = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G05
100
90
80
70
60
50
40
30
20
10
0
VCC = 5V
VTH(HIGH) – VTH(LOW)
VCM = –7V TO 12V
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
1484 G06
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
–0.18
–0.20
TA = 25°C
VCM = 0V
VTH(HIGH)
VTH(LOW)
Receiver Input Offset Voltage vs
Temperature
Receiver Hysteresis vs
Temperature
Receiver Input Threshold Voltage
vs Supply Voltage
Receiver Output High Voltage vs
Output Current
Receiver Output Low Voltage vs
Output Current
Receiver Output High Voltage vs
Temperature
OUTPUT CURRENT (mA)
–25
–20
–15
–10
–5
0
1484 G07
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V
OUTPUT CURRENT (mA)
0
5
10
15
20
25
1484 G08
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 4.75V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G09
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
VCC = 4.75V
IOUT = –8mA
Receiver Output Low Voltage vs
Temperature
Input Current (A, B) vs
Temperature
Receiver Input Resistance vs
Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G10
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
VCC = 4.75V
IOUT = 8mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G11
600
500
400
300
200
100
0
–100
–200
–300
–400
VCC = 0V OR 5V
VCM = 12V
VCM = –7V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G12
26.0
25.5
25.0
24.5
24.0
23.5
23.0
22.5
22.0
VCC = 0V OR 5V
VCM = 12V
VCM = –7V


Similar Part No. - LTC1484IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1484 LINER-LTC1484 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
More results

Similar Description - LTC1484IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1482 LINER-LTC1482 Datasheet
262Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482 LINER-LTC1482_15 Datasheet
223Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
   ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
logo
Linear Technology
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
AMAZING Microelectronic...
AZRS3078 AMAZING-AZRS3078 Datasheet
409Kb / 9P
   ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com