Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3512 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3512
Description  Monolithic High Voltage Isolated Flyback Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3512_15 Datasheet HTML 3Page - Linear Technology LT3512_15 Datasheet HTML 4Page - Linear Technology LT3512_15 Datasheet HTML 5Page - Linear Technology LT3512_15 Datasheet HTML 6Page - Linear Technology LT3512_15 Datasheet HTML 7Page - Linear Technology LT3512_15 Datasheet HTML 8Page - Linear Technology LT3512_15 Datasheet HTML 9Page - Linear Technology LT3512_15 Datasheet HTML 10Page - Linear Technology LT3512_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3512
7
3512fb
operaTion
The LT3512 is a current mode switching regulator IC de-
signed specifically for the isolated flyback topology. The
key problem in isolated topologies is how to communicate
information regarding the output voltage from the isolated
secondary side of the transformer to the primary side.
Historically, optoisolators or extra transformer windings
communicate this information across the transformer.
Optoisolator circuits waste output power, and the extra
components increase the cost and physical size of the
power supply. Optoisolators can also exhibit trouble due
to limited dynamic response, nonlinearity, unit-to-unit
variation and aging over life. Circuits employing an extra
transformer winding also exhibit deficiencies. Using an
extra winding adds to the transformer’s physical size and
cost, and dynamic response is often mediocre.
In the LT3512, the primary-side flyback pulse provides
information about the isolated output voltage. In this man-
ner, neither optoisolator nor extra transformer winding is
required for regulation. Two resistors program the output
voltage. Since this IC operates in boundary mode, the part
calculates output voltage from the switch pin when the
secondary current is almost zero.
The Block Diagram shows an overall view of the system.
Many of the blocks are similar to those found in traditional
switching regulators including internal bias regulator, os-
cillator, logic, current amplifier, current comparator, driver,
and output switch. The novel sections include a special
flyback error amplifier and a temperature compensation
circuit. In addition, the logic system contains additional
logic for boundary mode operation.
TheLT3512featuresboundarymodecontrol,wherethepart
operates at the boundary between continuous conduction
mode and discontinuous conduction mode. The VC pin
controls the current level just as it does in normal current
mode operation, but instead of turning the switch on at the
start of the oscillator period, the part turns on the switch
when the secondary-side winding current is zero.
Boundary Mode Operation
Boundary mode is a variable frequency, current mode
switching scheme. The switch turns on and the inductor
current increases until a VC pin controlled current limit.
After the switch turns off, the voltage on the SW pin rises
to the output voltage divided by the secondary-to-primary
transformer turns ratio plus the input voltage. When the
secondary current through the diode falls to zero, the SW
pin voltage falls below VIN. A discontinuous conduction
mode (DCM) comparator detects this event and turns the
switch back on.
Boundarymodereturnsthesecondarycurrenttozeroevery
cycle,soparasiticresistivevoltagedropsdonotcauseload
regulation errors. Boundary mode also allows the use of a
smaller transformer compared to continuous conduction
mode and does not exhibit subharmonic oscillation.
At low output currents, the LT3512 delays turning on the
switch, and thus operates in discontinuous mode. Unlike
traditional flyback converters, the switch has to turn on
to update the output voltage information. Below 0.6V on
the VC pin, the current comparator level decreases to
its minimum value, and the internal oscillator frequency
decreases. With the decrease of the internal oscillator,
the part starts to operate in DCM. The output current is
able to decrease while still allowing a minimum switch off
time for the flyback error amplifier. The typical minimum
internal oscillator frequency with VC equal to 0V is 40kHz.


Similar Part No. - LT3512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
   Monolithic High Voltage Isolated Flyback Converter
More results

Similar Description - LT3512_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
   Monolithic High Voltage Isolated Flyback Converter
LT3511 LINER-LT3511 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
logo
Monolithic Power System...
EV3908DK-00C MPS-EV3908DK-00C Datasheet
296Kb / 6P
   High Efficiency Isolated Flyback Converter EV Board
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
   Optocoupler-less Isolated Flyback Converter
BD7F100HFN-LB ROHM-BD7F100HFN-LB Datasheet
2Mb / 32P
   Optocoupler-less Isolated Flyback Converter
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com