Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3574 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3574
Description  Isolated Flyback Converter Without an Opto-Coupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3574_15 Datasheet HTML 3Page - Linear Technology LT3574_15 Datasheet HTML 4Page - Linear Technology LT3574_15 Datasheet HTML 5Page - Linear Technology LT3574_15 Datasheet HTML 6Page - Linear Technology LT3574_15 Datasheet HTML 7Page - Linear Technology LT3574_15 Datasheet HTML 8Page - Linear Technology LT3574_15 Datasheet HTML 9Page - Linear Technology LT3574_15 Datasheet HTML 10Page - Linear Technology LT3574_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3574

3574f
operation
The LT3574 is a current mode switching regulator IC
designed specifically for the isolated flyback topology.
The special problem normally encountered in such cir-
cuits is that information relating to the output voltage on
the isolated secondary side of the transformer must be
communicated to the primary side in order to maintain
regulation.Historically,thishasbeendonewithopto-isola-
tors or extra transformer windings. Opto-isolator circuits
waste output power and the extra components increase
the cost and physical size of the power supply. Opto-
isolators can also exhibit trouble due to limited dynamic
response, nonlinearity, unit-to-unit variation and aging
over life. Circuits employing extra transformer windings
also exhibit deficiencies. Using an extra winding adds to
the transformer’s physical size and cost, and dynamic
response is often mediocre.
The LT3574 derives its information about the isolated
output voltage by examining the primary side flyback
pulse waveform. In this manner, no opto-isolator nor extra
transformer winding is required for regulation. The output
voltageiseasilyprogrammedwithtworesistors.Sincethis
IC operates in boundary control mode, the output voltage
is calculated from the switch pin when the secondary cur-
rent is almost zero. This method improves load regulation
without external resistors and capacitors.
The Block Diagram shows an overall view of the system.
Many of the blocks are similar to those found in traditional
switching regulators including: internal bias regulator,
oscillator, logic, current amplifier and comparator, driver,
and output switch. The novel sections include a special
flyback error amplifier and a temperature compensation
circuit. In addition, the logic system contains additional
logic for boundary mode operation, and the sampling
error amplifier.
The LT3574 features a boundary mode control method,
where the part operates at the boundary between continu-
ousconductionmodeanddiscontinuousconductionmode.
TheVCpincontrolsthecurrentleveljustasitdoesinnormal
current mode operation, but instead of turning the switch
on at the start of the oscillator period, the part detects
when the secondary-side winding current is zero.
Boundary Mode Operation
Boundary mode is a variable frequency, current mode
switching scheme. The switch turns on and the inductor
currentincreasesuntilaVCpincontrolledcurrentlimit.The
voltage on the SW pin rises to the output voltage divided
by the secondary-to-primary transformer turns ratio plus
the input voltage. When the secondary current through
the diode falls to zero, the SW pin voltage falls below VIN.
A discontinuous conduction mode (DCM) comparator
detects this event and turns the switch back on.
Boundary mode returns the secondary current to zero
every cycle, so the parasitic resistive voltage drops do not
cause load regulation errors. Boundary mode also allows
the use of a smaller transformer compared to continuous
conduction mode and no subharmonic oscillation.
At low output currents the LT3574 delays turning on the
switch, and thus operates in discontinuous mode. Unlike
a traditional flyback converter, the switch has to turn on
to update the output voltage information. Below 0.6V on
the VC pin, the current comparator level decreases to
its minimum value, and the internal oscillator frequency
decreases in frequency. With the decrease of the internal
oscillator, the part starts to operate in DCM. The output
current is able to decrease while still allowing a minimum
switch off-time for the error amp sampling circuitry. The
typical minimum internal oscillator frequency with VC
equal to 0V is 40kHz.


Similar Part No. - LT3574_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3574EMS LINER-LT3574EMS Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574EMSPBF LINER-LT3574EMSPBF Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574EMSTRPBF LINER-LT3574EMSTRPBF Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574IMS LINER-LT3574IMS Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3574IMSPBF LINER-LT3574IMSPBF Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results

Similar Description - LT3574_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573_15 Datasheet
281Kb / 26P
   Isolated Flyback Converter without an Opto-Coupler
LT3575 LINER-LT3575_15 Datasheet
251Kb / 24P
   Isolated Flyback Converter without an Opto-Coupler
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
   36V 4W No-Opto Isolated Flyback Converter
LT3002 AD-LT3002 Datasheet
799Kb / 12P
   36V 10W No-Opto Isolated Flyback Converter
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com