Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS432BIXRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS432BIXRF
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432BIXRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS432BIXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432BIXRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS432I
Adjustable Precision Shunt Regulator
2/10
Version: C14
Recommend Operating Condition
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
VKA
18
V
Continuous Cathode Current Range
IK
100
mA
Recommend Operating Condition
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference
voltage
TS432AI
VREF
VKA =VREF, IK=10mA (Figure 1)
Ta=25
oC
1.227
1.240
1.252
V
TS432BI
1.233
1.246
Deviation of reference input
voltage
∆VREF
VKA =VREF, IK=10mA
Ta= full range (Figure 1)
--
10
25
mV
Radio of change in Vref to
change in cathode Voltage
∆VREF/∆VKA
IKA=10mA, VKA = 18V to VREF
(Figure 2)
--
-1.0
-2.7
mV/V
Reference Input current
IREF
R1=10K
Ω, R2=
, I
KA=10mA
Ta= full range (Figure 2)
--
0.25
0.5
µA
Deviation of reference input
current, over temp.
∆IREF
R1=10K
Ω, R2=
, I
KA=10mA
Ta= full range (Figure 2)
--
0.04
0.08
µA
Off-state Cathode Current
IKA(off)
VREF=0V (Figure 3),
VKA=18V
--
0.125
0.5
µA
Dynamic Output Impedance
|ZKA|
f<1KHz, VKA=VREF
IKA=1mA to 100mA (Figure 1)
--
0.2
0.4
Minimum operating cathode
current
IKA(min)
VKA=VREF (Figure 1)
--
60
80
µA
* The deviation parameters
∆VREF and ∆IREF are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
* The average temperature coefficient of the
reference input voltage,
αV
REF is defined as:
Where: T2-T1 = full temperature change.
α
VREF can be positive or negative depending on whether VREF Min. or VREF Max occurs at the lower ambient
temperature. Example:
∆VREF=7.2mV and the slope is positive, VREF=1.241V at 25
oC, ∆T=125oC
* The dynamic impedance ZKA is defined as:
* When the device operating with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of
the circuit is given by:


Similar Part No. - TS432BIXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS432BIB5RF TSC-TS432BIB5RF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
TS432BIBRF TSC-TS432BIBRF Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
TS432BITA3 TSC-TS432BITA3 Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
TS432BITB0 TSC-TS432BITB0 Datasheet
696Kb / 12P
   Adjustable Precision Shunt Regulator
More results

Similar Description - TS432BIXRF

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com