Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2596CZ533C0 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596CZ533C0
Description  3A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596CZ533C0 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

  TS2596CZ533C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596CZ533C0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
9/9
Version: E13
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TS2596CZ533C0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596CZ533 TSC-TS2596CZ533 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results

Similar Description - TS2596CZ533C0

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com