Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2950 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950
Description  150mA Ultra Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2950_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2950_14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS2950
150mA Ultra Low Dropout Voltage Regulator
7/10
Version: F14
TO-92 Ammo Pack Specification
TO-92 Tape Leader and Trailer
TO-92 Tape Dimension
Item Description
Symbol
Dimension
Base of Package to Lead Bend
b
3.0 (typ.)
Component Height
Ha
23.57 (typ.)
Lead Clinch Height
H0
16.0
±0.5
Component Base Height
H1
19.0
±0.5
Component Top to Lead Bend
H2
8.0 (max)
Component Alignment (side / side)
Pd
1.02 (max)
Component Alignment (front / back)
Hd
0.79 (max)
Feed Hole Pitch
P0
12.7
±0.3
Hole Center to Component Center
P1
6.25
±0.4
Lead Spread
F1
2.5
±0.3
Lead Thickness
d
0.46 (typ.)
Cut Lead Length
L
10.9 (max)
Taped Lead Length
L1
5.31 (typ.)
Taped Lead Thickness
t
0.81
±0.2
Carrier Tape Thickness
t1
0.5
±0.2
Carrier Tape Width
W
18.0
±0.5
Hold – down Tape Width
W0
0.5
±0.2
Hold – down Tape position
W1
9.0
±0.7
Feed Hole Position
W2
6.0
±0.2
Sprocket Hole Diameter
D0
4.0
±0.2


Similar Part No. - TS2950_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2950_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com