Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4274 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS4274
Description  5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4274 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS4274_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4274_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TS4274
5V/400mA Fixed Voltage
Ultra Low Dropout Voltage Regulator
6/6
Version: B13
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Similar Part No. - TS4274_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274CM TSC-TS4274CM Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CP TSC-TS4274CP Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CW TSC-TS4274CW Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4274CZ TSC-TS4274CZ Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
More results

Similar Description - TS4274_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274 Datasheet
451Kb / 10P
   400mA Ultra Low Dropout Fixed Voltage Regulator
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com