Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5204CX50RF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5204CX50RF
Description  80mA Low Noise LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CX50RF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5204CX50RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5204CX50RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS5204
80mA Low Noise LDO Voltage Regulator
3/9
Version: J13
Application Information
TS5204 series is designed to provide 80mA of continuous current in a very small package. Maximum power
dissipation can be calculated based on the output current and the voltage drop across the part. To determine the
maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the
following basic equation:
PD(MAX) = [ TJ(MAX) – TA ] /ΘJA
Tj(max) is the maximum junction temperature of the die(125
oC), and Ta is the ambient operating temperature.
Θ
JA is layout dependent, the actual power dissipation of the regulator circuit can be determined using the
equation:
PD = (VIN – VOUT) * IOUT + VIN * IGND
Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For example, when operating the TS5204CX33 at room
temperature with a minimum footprint layout, the maximum input voltage for a set output current can be
determined as follows:
PD(MAX) = (125
oC – 25oC) / 220oC/W
The junction to ambient thermal resistance for the minimum footprint is 220
oC/W, the maximum power dissipation
must not be exceeded for proper operation. Using the output voltage of 3.3V and an output current of 80mA, the
maximum input voltage can be determined. From the electrical characteristics table, the maximum ground
current for 80mA output current is 2.5mA.
445mW = (VIN – 3.3V ) * 120mA + VIN * 2.5mA
445mW = VIN * 120mA – 3.3 * 120mA + VIN * 2.5mA
445mW = VIN * 120mA – 395mW + VIN * 2.5mA
840mW = VIN * 122.5mA
VIN (max) = 6.85V
Therefore, a 3.3V application at 80mA of output current can accept a maximum input voltage of 6.85V in a SOT-
23 package.
Input Capacitor Requirement
An input capacitor of 0.1uF or greater is recommended when the device is more than 10” away from the bulk AC
supply capacitance or when the supply is a battery.
Output Capacitor Requirement
The TS5204 series requires an output capacitor to maintain stability and improve transient response is necessary.
2.2uF minimum is recommended. Larger values improve the regulator’s transient response. The output capacitor
value may be increased without limit.
The output capacitor should have an ESR (effective series resistance) less than 5Ω and a resonant frequency
above 1MHz. Ultra low ESR capacitors can cause a low amplitude oscillation on the output and/or under damped
transient response. Most of tantalum or aluminum electrolytic capacitors are adequate; film types will work. Since
many aluminum electrolytic have electrolytes that freeze at about –30
oC, solid tantalums are recommended for
operation below –25
oC. At lower values of output current, less output capacitance is required for output stability.
The capacitor can be reduced to 0.47uF for current below 10mA or 0.33uF for currents below 1mA.
No Load Stability
The TS5204 series will remain stable and in regulation with no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep alive applications.
Dual Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage
must be diode clamped to ground.


Similar Part No. - TS5204CX50RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CX50 TSC-TS5204CX50 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5204CX50RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com