Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9011SCXRFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011SCXRFG
Description  250mA Low Quiescent Current CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011SCXRFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9011SCXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011SCXRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9011
Taiwan Semiconductor
Document Number: DS_P0000182
3
Version: G15
ORDERING INFORMATION
OUTPUT VOLTAGE
PART NO.
PACKAGE
PACKING
1.5V
TS9011ACX RFG
SOT-23
3,000pcs / 7
” Reel
1.8V
TS9011DCX RFG
SOT-23
3,000pcs / 7
” Reel
TS9011DCY RMG
SOT-89
1,000pcs / 7
” Reel
2.5V
TS9011KCX RFG
SOT-23
3,000pcs / 7
” Reel
TS9011KCY RMG
SOT-89
1,000pcs / 7
” Reel
3.0V
TS9011PCX RFG
SOT-23
3,000pcs / 7
” Reel
TS9011PCY RMG
SOT-89
1,000pcs / 7
” Reel
3.3V
TS9011SCX RFG
SOT-23
3,000pcs / 7
” Reel
TS9011SCY RMG
SOT-89
1,000pcs / 7
” Reel
5V
TS90115CX RFG
SOT-23
3,000pcs / 7
” Reel
TS90115CY RMG
SOT-89
1,000pcs / 7
” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.


Similar Part No. - TS9011SCXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011SCX TSC-TS9011SCX Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS9011SCXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com