Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB5150 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # SB5150
Description  PLASTIC SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SB5150 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  SB5150_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SB5150_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
0.1
0.3
0.5
0.7
0.9
1.1
0.01
0.1
0.2
1
2
10
Tj = 25 °C
大昌电子
DACHANG ELECTRONICS
SB5150/SB5200
FORWARD CURRENT DERATING CURVE
正向电流降额曲线
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75 100 125 150 175
管体温度 Tc(
°C)
Case temperature (°C)
10mm
10mm
1
2
4 6
10
20
40
100
120
90
60
30
0
150


Similar Part No. - SB5150_15

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SB5150(P-05) SMC-SB5150(P-05) Datasheet
67Kb / 5P
   SCHOTTKY RECTIFIER
logo
Nanjing International G...
SB5150-5A-DO-27 DGNJDZ-SB5150-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB5150H PANJIT-SB5150H Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
SB5150L SMC-SB5150L Datasheet
138Kb / 5P
   SCHOTTKY RECTIFIER
SB5150L SMC-SB5150L Datasheet
138Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - SB5150_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
20SQ020 DACHANG-20SQ020 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB320 DACHANG-SB320 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB2150 DACHANG-SB2150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
20SQ020 DACHANG-20SQ020_15 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
logo
Rugao Dachang Electroni...
SB120 DACHANG-SB120_15 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB220 DACHANG-SB220_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
1N5817 DACHANG-1N5817_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_V01 Datasheet
75Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB220 VISHAY-SB220_V01 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB340-E3 VISHAY-SB340-E3 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com