Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1538-AUX Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1538-AUX
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1538-AUX Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1538-AUX Datasheet HTML 2Page - Linear Technology LTC1538-AUX Datasheet HTML 3Page - Linear Technology LTC1538-AUX Datasheet HTML 4Page - Linear Technology LTC1538-AUX Datasheet HTML 5Page - Linear Technology LTC1538-AUX Datasheet HTML 6Page - Linear Technology LTC1538-AUX Datasheet HTML 7Page - Linear Technology LTC1538-AUX Datasheet HTML 8Page - Linear Technology LTC1538-AUX Datasheet HTML 9Page - Linear Technology LTC1538-AUX Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1538-AUX/LTC1539
TYPICAL PERFORMANCE CHARACTERISTICS
SFB1 Pin Current vs
Temperature
Normalized Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
5
10
35
85
1538/39 • G10
fO
–15
10
60
110
135
–5
–10
TEMPERATURE (
°C)
–40
–1.50
– 0.25
0
35
85
1538/39 • G12
– 0.75
–1.00
–15
10
60
110
135
–1.25
–1.50
Transient Response
TEMPERATURE (
°C)
–40
146
148
150
152
154
–15
10
35
60
1538/39 • G13
85
110
135
Auxiliary Regulator Load
Regulation
AUXILIARY LOAD CURRENT (mA)
0
12.0
12.1
12.2
160
1538/39 • G18
11.9
11.8
11.7
40
80
120
200
EXTERNAL PNP: 2N2907A
VOUT
50mV/DIV
ILOAD = 1A to 3A
1538/39 • G15
RUN/SS Pin Current vs
Temperature
TEMPERATURE (
°C)
–40
0
1
2
3
4
–15
10
35
60
1538/39 • G11
85
110
135
Transient Response
Soft Start: Load Current vs Time
VOUT
50mV/DIV
ILOAD = 50mA to 1A
1538/39 • G14
1538/39 • G17
Burst Mode Operation
VOUT
20mV/DIV
VOUT
200mV/DIV
ILOAD = 50mA
1538/39 • G16
RUN/SS
5V/DIV
INDUCTOR
CURRENT
1A/DIV
Maximum Current Comparator
Threshold Voltage vs Temp


Similar Part No. - LTC1538-AUX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1538-AUX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1438 LINER-LTC1438 Datasheet
596Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1438 LINER-LTC1438_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1538-AUX LINER-LTC1538-AUX_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1539 LINER-LTC1539_15 Datasheet
351Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1439 LINER-LTC1439_15 Datasheet
450Kb / 32P
   Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1437A LINER-LTC1437A_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A LINER-LTC1436A Datasheet
518Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1436A-PLL LINER-LTC1436A-PLL_15 Datasheet
503Kb / 28P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com