Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19460 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19460
Description  AC/DC WLED Driver with Average-Mode Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19460 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19460 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19460 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS19460
Taiwan Semiconductor
Document Number: DS_P0000188
3
Version: D15
ELECTRICAL SPECIFICATIONS (T
A= 25
oC, V
IN= 12V, VLD=PWM=VDD, unless otherwise noted)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Average Current Sense Logic
Current Sense Reference
Voltage
VCS
238
250
262
mV
LD to Current Sense Ratio
Av(LD)
--
0.18
--
mV
LD input Voltage Shutdown
VLD(OFF)
VLD falling
--
150
--
mV
LD input Voltage Enable
∆V
LD(OFF)
VLD rising
--
200
--
mV
Current Sense Blanking Interval
TBLANK
150
--
280
ns
Minimum On-Time
TON(min)
VCS= VCS + 30mV
--
--
1
μS
Off Time
TOFF
RT=1MΩ
32
--
48
μS
RT=226kΩ
8
--
12
Max. Steady-State Duty Cycle
DMAX
75
--
--
%
Short Circuit Protection
Hiccup Threshold Voltage
VCS
410
--
470
mV
Current Limit Delay CS to Gate
TDELAY
VCS= VCS + 30mV
--
--
150
ns
Short Circuit Hiccup Time
THICCUP
330
--
460
μS
Minimum On-Time (Short Circuit)
TON(min)
VCS= VDD
--
--
430
μS
Gate Driver
Gate Sourcing Current
ISOURCE
VGATE=0V, VDD=7.5V
165
--
--
mA
Gate Sinking Current
ISINK
VGATE=VDD, VDD=7.5V
165
--
--
mA
Gate Output Rise Time
TRISE
CGATE=500pF,
VDD=7.5V
--
30
50
ns
Gate Output Fall Time
TFALL
CGATE=500pF,
VDD=7.5V
--
30
50
ns
Note:
1.
S
tresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
2.
Limited by package power dissipation, whichever is lower.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board
in free air at TA=25°C.
4.
Denotes the specifications which apply over the full operating ambient temperature range of -40ºC<TA<+125ºC.


Similar Part No. - TS19460

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460CSRLG TSC-TS19460CSRLG Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Similar Description - TS19460

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com