Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19702 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19702
Description  High Power Factor Corrector LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19702 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19702_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19702_14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS19702
High Power Factor Corrector LED Driver
1/9
Version: A12
SOT-26
Description
The TS19702 is a highly-integrated, low startup current, average current mode, one cycle control PFC and fixed
switching frequency PWM controller. These functions enable the LED driver to easily meet the accuracy
average LED current and high power factor requirements. The integrated functions also include the LED short
protection, open protection, and internal over temperature protection. The COMP pin controls the duty by
connected an RC compensation network to ground and forming the closed loop feedback control. To protect the
external power MOSFET from being damaged by supply over voltage, the TS19702 Output pin voltage is
clamped to about 15V.
Features
High Power Factor by One Cycle Control
Accuracy Constant Current
Low BOM Cost
Linear Dimming on DIM Pin
Average Current / Fixed Frequency Control
Gate Output Voltage Clamp
LED Open Protection (OVP)
LED Short Protection (SCP)
Over Current Protection (OCP)
Internal OTP Protection
300mA Driving Capability for Output Pin
Application voltage range: 80VAC ~ 308VAC
Application
E27, T5, T8 LED lighting
LED Lighting Applications
Ordering Information
Part No.
Package
Packing
TS19702CX6 RFG
SOT-26
3kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Ratings (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
30
V
Compensation Voltage
VCOMP
-0.3 ~ 7
V
Dimming Pin
VDIM
-0.3 ~ 7
V
Current Sense Pin
VCS
-0.3 ~ 7
V
Output Pin
VOUT
15
V
Power Dissipation @ TA=85ºC
PD
250
mW
Operating Ambient Temperature
TOPR
-20 ~ +85
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Thermal Resistance - Junction to Ambient
JA
250
oC/W
ESD Voltage Protection
HBM
2
KV
MM
200
V
Pin Definition:
1. VCC
2. Ground
3. Output
4. Dimming
5. Compensation
6. Current Sense


Similar Part No. - TS19702_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
More results

Similar Description - TS19702_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com