Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR1G Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # TVR1G
Description  Plastic Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

TVR1G Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  TVR1G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd TVR1G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TVR1B / TVR1D / TVR1G / TVR1J
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
10mm
10mm
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75 100 125 150 175
10mm
10mm
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
0.2
1
2
10
Tj = 25 °C
1
2
4 6
10
20
40
100
20
15
10
5
0
大昌电子
DACHANG ELECTRONICS


Similar Part No. - TVR1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR1G TOSHIBA-TVR1G Datasheet
93Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
logo
EIC discrete Semiconduc...
TVR1G EIC-TVR1G Datasheet
50Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
TVR1G BILIN-TVR1G Datasheet
53Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
TVR1G DACHANG-TVR1G Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
logo
Diode Semiconductor Kor...
TVR1G DSK-TVR1G Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - TVR1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR301G DACHANG-FR301G_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR151 DACHANG-FR151_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com