Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1543 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1543
Description  Software-Selectable Multiprotocol Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1543 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1543 Datasheet HTML 7Page - Linear Technology LTC1543 Datasheet HTML 8Page - Linear Technology LTC1543 Datasheet HTML 9Page - Linear Technology LTC1543 Datasheet HTML 10Page - Linear Technology LTC1543 Datasheet HTML 11Page - Linear Technology LTC1543 Datasheet HTML 12Page - Linear Technology LTC1543 Datasheet HTML 13Page - Linear Technology LTC1543 Datasheet HTML 14Page - Linear Technology LTC1543 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1543
APPLICATIONS INFORMATION
Figure 13. V.10 Receiver Input Impedance
IZ
VZ
–10V
–3.25mA
3.25mA
–3V
3V
10V
1543 F13
V.11 (RS422) Interface
A typical V.11 balanced interface is shown in Figure 15. A
V.11 differential generator with outputs A and B with
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.11 interface has a differential termination at the receiver
end that has a minimum value of 100
Ω. The termination
resistor is optional in the V.11 specification, but for the
high speed clock and data lines, the termination is required
to prevent reflections from corrupting the data. The
receiver inputs must also be compliant with the imped-
ance curve shown in Figure 13.
In V.11 mode, all switches are off except S1 inside the
LTC1344A which connects a 103
Ω differential termina-
tion impedance to the cable as shown in Figure 16.
Figure 16. V.11 Receiver Configuration
Figure 15. Typical V.11 Interface
AA
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
100
MIN
1543 F15
R3
124
R5
20k
LTC1344A
LTC1543
LTC1544
RECEIVER
1543 F16
A
B
A
'
B
'
C
'
R1
51.5
R8
6k
S2
S3
R2
51.5
R6
10k
R7
10k
GND
R4
20k
S1
Figure 14. V.10 Receiver Configuration
R5
20k
LTC1544
RECEIVER
1543 F14
A
B
A
'
B
'
C
'
R8
6k
S3
R6
10k
R7
10k
GND
R4
20k


Similar Part No. - LTC1543

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC1543

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343_15 Datasheet
398Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com