Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1560-1CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1560-1CS8
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1560-1CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1560-1CS8 Datasheet HTML 1Page - Linear Technology LTC1560-1CS8 Datasheet HTML 2Page - Linear Technology LTC1560-1CS8 Datasheet HTML 3Page - Linear Technology LTC1560-1CS8 Datasheet HTML 4Page - Linear Technology LTC1560-1CS8 Datasheet HTML 5Page - Linear Technology LTC1560-1CS8 Datasheet HTML 6Page - Linear Technology LTC1560-1CS8 Datasheet HTML 7Page - Linear Technology LTC1560-1CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1560-1
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
© LINEAR TECHNOLOGY CORPORATION 1997
15601f LT/GP 1197 4K • PRINTED IN USA
TYPICAL APPLICATION
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1360/LT1361/
50MHz, 800V/
µs Op Amp(s)
Single/Dual/Quad C-Load
TM Op Amps
LT1362
LTC1562
Active RC Quad Universal Filter
Very Low Noise, Low Distortion
C-Load is a trademark of Linear Technology Corporation
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
+
–15V
15V
0.1
µF
0.1
µF
5V
3
1k
2
4
VOUT
7
LT1360
8
0.1
µF
(OR – 5V)
0.01
µF
0.01
µF
8.1k
0.1
µF
VIN
300pF
–5V
1560-1 TA07
300pF
GND
V
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
FREQUENCY (kHz)
–90
–70
–80
–60
–40
–50
0
–10
–20
–30
10
10000
1560-1 TA08
20
100
1000
A Simple Highpass/Lowpass Filter
Measured Frequency Response


Similar Part No. - LTC1560-1CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1560-1 LINER-LTC1560-1 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results

Similar Description - LTC1560-1CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
logo
KR Electronics, Inc.
2987 KR-2987 Datasheet
48Kb / 3P
   Elliptic Lowpass
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com