Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1562CG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1562CG
Description  Very Low Noise, Low Distortion Active RC Quad Universal Filter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1562CG Datasheet(HTML) 1 Page - Linear Technology

  LTC1562CG Datasheet HTML 1Page - Linear Technology LTC1562CG Datasheet HTML 2Page - Linear Technology LTC1562CG Datasheet HTML 3Page - Linear Technology LTC1562CG Datasheet HTML 4Page - Linear Technology LTC1562CG Datasheet HTML 5Page - Linear Technology LTC1562CG Datasheet HTML 6Page - Linear Technology LTC1562CG Datasheet HTML 7Page - Linear Technology LTC1562CG Datasheet HTML 8Page - Linear Technology LTC1562CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1562
Very Low Noise, Low Distortion
Active RC Quad Universal Filter
FEATURES
DESCRIPTION
s
Continuous Time—No Clock
s
Four 2nd Order Filter Sections, 10kHz to 150kHz
Center Frequency
s
±0.5% Typical Center Frequency Accuracy
s
±0.3% Typical Center Frequency Accuracy (A Grade)
s
Wide Variety of Response Shapes
s
Lowpass, Bandpass and Highpass Responses
s
103dB Typical S/N,
±5V Supply (Q = 1)
s
97dB Typical S/N, Single 5V Supply (Q = 1)
s
96dB Typical S/(N +THD) at
±5V Supply, 20kHz Input
s
Rail-to-Rail Input and Output Voltages
s
DC Accurate to 3mV (Typ)
s
“Zero-Power” Shutdown Mode
s
Single or Dual Supply, 5V to 10V Total
s
Resistor-Programmable fO, Q, Gain
The LTC
®1562 is a low noise, low distortion continuous-time
filter with rail-to-rail inputs and outputs, optimized for a
center frequency (fO) of 10kHz to 150kHz. Unlike most
monolithic filters, no clock is needed. Four independent 2nd
order filter blocks can be cascaded in any combination, such
as one 8th order or two 4th order filters. Each block’s
response is programmed with three external resistors for
center frequency, Q and gain, using simple design formulas.
Each 2nd order block provides lowpass and bandpass out-
puts. Highpass response is available if an external capacitor
replaces one of the resistors. Allpass, notch and elliptic
responses can also be realized.
The LTC1562 is designed for applications where dynamic
range is important. For example, by cascading 2nd order
sections in pairs, the user can configure the IC as a dual 4th
order Butterworth lowpass filter with 94dB signal-to-noise
ratio from a single 5V power supply. Low level signals can
exploit the built-in gain capability of the LTC1562. Varying the
gain of a section can achieve a dynamic range as high as
118dB with a
±5V supply.
Other cutoff frequency ranges can be provided upon request.
Please contact LTC Marketing.
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1562 TA03b
Amplitude Response
1
2
3
5
6
8
9
10
20
19
18
16
15
13
12
11
INV B
V1 B
V2 B
V+
SHDN
V2 A
V1 A
INV A
INV C
V1 C
V2 C
V
AGND
V2 D
V1 D
INV D
LTC1562
RIN2, 10k
RIN4, 10k
RIN1
10k
VIN2
VIN1
SCHEMATIC INCLUDES PIN
NUMBERS FOR 20-PIN PACKAGE.
PINS 4, 7, 14, 17 (NOT SHOWN)
ALSO CONNECT TO V
SEE TYPICAL APPLICATIONS
FOR OTHER CUTOFF FREQUENCIES
DC ACCURATE, NONINVERTING,
UNITY-GAIN, RAIL-TO-RAIL
INPUT AND OUTPUTS. PEAK
SNR
≈ 100dB WITH ±5V SUPPLIES
VOUT1
1562 TA01
VOUT2
RIN3
10k
–5V
5V
RQ1, 5.62k
R21, 10k
R23, 10k
0.1
µF
0.1
µF
RQ3, 5.62k
R24, 10k
RQ4, 13k
RQ2, 13k
R22, 10k
TYPICAL APPLICATION
Dual 4th Order 100kHz Butterworth Lowpass Filter
APPLICATIONS
s
High Resolution Systems (14 Bits to 18 Bits)
s
Antialiasing/Reconstruction Filters
s
Data Communications, Equalizers
s
Dual or I-and-Q Channels (Two Matched 4th Order
Filters in One Package)
s
Linear Phase Filtering
s
Replacing LC Filter Modules
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1562CG

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1562CG LINEAR-LTC1562CG Datasheet
319Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LTC1562CG-2 LINER-LTC1562CG-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
More results

Similar Description - LTC1562CG

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Technology
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com