Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1574 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1574
Description  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1574 Datasheet(HTML) 3 Page - Linear Technology

  LTC1574 Datasheet HTML 1Page - Linear Technology LTC1574 Datasheet HTML 2Page - Linear Technology LTC1574 Datasheet HTML 3Page - Linear Technology LTC1574 Datasheet HTML 4Page - Linear Technology LTC1574 Datasheet HTML 5Page - Linear Technology LTC1574 Datasheet HTML 6Page - Linear Technology LTC1574 Datasheet HTML 7Page - Linear Technology LTC1574 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1574
LTC1574-3.3/LTC1574-5
ELECTRICAL CHARACTERISTICS TA = 25°C, VIN = 9V, VSHUTDOWN = VIN, IPGM = 0V, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIL
Shutdown Pin Input Current
0
≤ VSHUTDOWN ≤ 0.8V
0.5
µA
VF
Schottky Diode Forward Voltage
Forward Current = 200mA
0.450
0.570
V
IR
Schottky Reverse Current
Reverse Voltage = 5V
10
25
µA
Reverse Voltage = 18.5V
100
250
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
TJ = TA + (PD × 110°C/W)
Note 2: Guaranteed by Design.
Note 3: Does not include Schottky reverse current. Dynamic supply
current is higher due to the gate charge being delivered at the switching
frequency.
Note 4: Current into Pin 5 only, measured without electrolytic input
capacitor.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT (mA)
1
10
100
1574 • TPC01
500
100
90
80
70
60
50
L = 50
µH
VOUT = 3.3V
IPGM = VIN
COIL = CTX50-4
VIN = 5V
VIN = 9V
LOAD CURRENT (mA)
1
10
100
1574 • TPC02
400
100
95
90
85
80
75
70
L = 50
µH
VOUT = 5V
IPGM = VIN
COIL = CTX50-4
VIN = 6V
VIN = 9V
INPUT VOLTAGE (V)
5
7
9
10
14
1574 • TPC03
68
11
12
13
95
94
93
92
91
90
89
VOUT = 5V
L = 100
µH
COIL = CTX100-4
ILOAD = 300mA
IPGM = VIN
ILOAD = 100mA
IPGM = 0V
Switch Resistance vs
Input Voltage
Switch Leakage Current
vs Temperature
Efficiency Using Different Types
of Inductor Core Material
LOAD CURRENT (mA)
1
10
100
500
100
90
80
70
60
50
VIN = 5V
VOUT = 3.3V
IPGM = VIN
CTX50-4
CTX50-4P
1574 • TPC04
TEMPERATURE (
°C)
0
180
160
140
120
100
80
60
40
20
0
40
80
100
1574 • TPC05
20
60
VIN = 13.5V
INPUT VOLTAGE (V)
4
12
1574 • TPC06
6
8
10
14
16
18
20
TA = 25°C
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7


Similar Part No. - LTC1574

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1574 LINER-LTC1574 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-3.3 LINER-LTC1574-3.3 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-3.3 LINER-LTC1574-3.3_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-5 LINER-LTC1574-5 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-5 LINER-LTC1574-5_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
More results

Similar Description - LTC1574

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1574-3.3 LINER-LTC1574-3.3_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574 LINER-LTC1574_1 Datasheet
182Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574-5 LINER-LTC1574-5_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1574 LINER-LTC1574_15 Datasheet
188Kb / 8P
   High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
   High Efficiency Inductorless Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15066 MAXIM-MAX15066 Datasheet
1Mb / 21P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-5224; Rev 5; 1/15
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com