Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1590C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1590C
Description  Dual Serial 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1590C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1590C Datasheet HTML 4Page - Linear Technology LTC1590C Datasheet HTML 5Page - Linear Technology LTC1590C Datasheet HTML 6Page - Linear Technology LTC1590C Datasheet HTML 7Page - Linear Technology LTC1590C Datasheet HTML 8Page - Linear Technology LTC1590C Datasheet HTML 9Page - Linear Technology LTC1590C Datasheet HTML 10Page - Linear Technology LTC1590C Datasheet HTML 11Page - Linear Technology LTC1590C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1590
TYPICAL APPLICATIONS
Dual Programmable Gain Amplifier with Input Attenuation
13
14
11
12
15
DATA IN
SERIAL CLOCK
CHIP SELECT/DAC LOAD
DATA OUT
CLEAR
16
98
1
15k
2
10
1590 TA09
3
5
7
1
8
6
4
5
6
2
3
4
VOUT B
VOUT A
5V
1k
VIN B
±10V
7
33pF
0.1
µF
0.01
µF
33pF
15V
–15V
0.01
µF
VOUT = –VIN
4096
16D
()
15k
1k
15k
1k
15k
1k
VIN A
±10V
DAC B
VREF B
RFB B
VREF A
RFB A
DAC A
24-BIT
SHIFT
REG
AND
LATCH
DIN
CLK
CS/LD
DOUT
CLR
DGND
AGND
LTC1590
OUT1 B
OUT2 B
OUT2 A
OUT1 A
+
+
1/2
LT1358
1/2
LT1358
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
N16 0695
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N Package
16-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)


Similar Part No. - LTC1590C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
More results

Similar Description - LTC1590C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
logo
Analog Devices
AD5441 AD-AD5441 Datasheet
281Kb / 16P
   12-Bit Serial Input Multiplying DAC
Rev. PrA
logo
Linear Technology
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
   CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
logo
Analog Devices
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com