Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1569IS8-7 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1569IS8-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1569IS8-7 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1569IS8-7 Datasheet HTML 4Page - Linear Technology LTC1569IS8-7 Datasheet HTML 5Page - Linear Technology LTC1569IS8-7 Datasheet HTML 6Page - Linear Technology LTC1569IS8-7 Datasheet HTML 7Page - Linear Technology LTC1569IS8-7 Datasheet HTML 8Page - Linear Technology LTC1569IS8-7 Datasheet HTML 9Page - Linear Technology LTC1569IS8-7 Datasheet HTML 10Page - Linear Technology LTC1569IS8-7 Datasheet HTML 11Page - Linear Technology LTC1569IS8-7 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1569-7
Table 2. Wideband Noise vs Supply Voltage, Single 3V Supply
Bandwidth
Total Integrated Noise
DC to fCUTOFF
105
µVRMS
DC to 2 • fCUTOFF
125
µVRMS
DC to fCLK
155
µVRMS
Table 3. Wideband Noise vs Supply Voltage, fCUTOFF = 128kHz
Total Integrated Noise
Power Supply
DC to 2 • fCUTOFF
3V
125
µVRMS
5V
135
µVRMS
±5V
145
µVRMS
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the clock
frequency and its harmonics that are present at the filter’s
OUT pin (Pin 8). The clock feedthrough is measured with
IN + and IN (Pins 1 and 2) grounded and depends on the
PC board layout and the power supply decoupling. Table 4
shows the clock feedthrough (the RMS sum of the first 11
harmonics) when the LTC1569-7 is self-clocked with
REXT = 10k, DIV/CLK (Pin 5) open (divide-by-4 mode). The
clock feedthrough can be reduced with a simple RC post
filter.
Table 4. Clock Feedthrough
Power Supply
Feedthrough
3V
0.4mVRMS
5V
0.6mVRMS
±5V
0.9mVRMS
DC Accuracy
DC accuracy is defined as the error in the output voltage
after DC offset and DC gain errors are removed. This is
similar to the definition of the integral nonlinearity in A/D
converters. For example, after measuring values of VOUT(DC)
vs VIN(DC) for a typical LTC1569-7, a linear regression
shows that VOUT(DC) = VIN(DC) • 0.99854 + 0.00134V is the
straight line that best fits the data. The DC accuracy
describes how much the actual data deviates from this
straight line (i.e., DCERROR = VOUT(DC) –(VIN(DC) •0.99854
+ 0.00134V). In a 12-bit system with a full-scale value of
2V, the LSB is 488
µV. Therefore, if the DCERROR of the
filter is less than 488
µV over a 2V range, the filter has
APPLICATIONS INFORMATION
12-bit DC accuracy. Figure 9 illustrates the typical DC
accuracy of the LTC1569-7 on a single 5V supply.
Figure 9
VIN DC (V)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
1569-7 F09
488
244
000
–244
–488
VS = 5V
REXT = 10k
TA = 25°C
DC Offset
The output DC offset of the LTC1569-7 is trimmed to less
than
±5mV. The trimming is performed with VS = 1.9V,
–1.1V with the filter cutoff frequency set to 8kHz (REXT =
10k, DIV/CLK shorted to V +). To obtain optimum DC offset
performance, appropriate PC layout techniques should be
used. The filter IC should be soldered to the PC board. The
power supplies should be well decoupled including a 1
µF
ceramic capacitor from V + (Pin 7) to V (Pin 4). A ground
plane should be used. Noisy signals should be isolated
from the filter input pins.
When the power supply is 3V, the output DC offset should
not change more than
±2mV when the clock frequency
varies from 64kHz to 8192kHz. When the clock frequency
is fixed, the output DC offset will typically change by
±3mV
(
±15mV) when the power supply varies from 3V to 5V
(
±5V) in the divide-by-1 mode. In the divide-by-4 or
divide-by-16 modes, the output DC offset will typically
change – 9mV (– 27mV) when the power supply varies
from 3V to 5V (
±5V). The offset is measured with respect
to GND (Pin 3).
Aliasing
Aliasing is an inherent phenomenon of sampled data
filters. In lowpass filters significant aliasing only occurs
when the frequency of the input signal approaches the
sampling frequency or multiples of the sampling fre-
quency. The LTC1569-7 samples the input signal twice


Similar Part No. - LTC1569IS8-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569IS8-6 LINER-LTC1569IS8-6 Datasheet
196Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
More results

Similar Description - LTC1569IS8-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6 Datasheet
217Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_1 Datasheet
196Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_15 Datasheet
202Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com