Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1569IS8-7 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1569IS8-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1569IS8-7 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1569IS8-7 Datasheet HTML 4Page - Linear Technology LTC1569IS8-7 Datasheet HTML 5Page - Linear Technology LTC1569IS8-7 Datasheet HTML 6Page - Linear Technology LTC1569IS8-7 Datasheet HTML 7Page - Linear Technology LTC1569IS8-7 Datasheet HTML 8Page - Linear Technology LTC1569IS8-7 Datasheet HTML 9Page - Linear Technology LTC1569IS8-7 Datasheet HTML 10Page - Linear Technology LTC1569IS8-7 Datasheet HTML 11Page - Linear Technology LTC1569IS8-7 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1569-7
Single 3V Operation, AC Coupled Input,
128kHz Cutoff Frequency
18
27
36
45
VOUT
VIN
1
µF
3V
REXT = 10k
1
µF
0.1
µF
2k
3.48k
3V
1569-7 TA02
LTC1569-7
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
fCUTOFF =
n = 1, 4, 16 FOR PIN 5 AT
GROUND, OPEN, V+
128kHz
n = 1
() 10k
REXT
()
18
27
36
45
VOUT
VIN
1
µF
3V
REXT = 10k
100pF
1
µF
2k
3.48k
3V
1569-7 TA04
LTC1569-7
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
fCUTOFF =
n = 1, 4, 16 FOR PIN 5 AT
GROUND, OPEN, V+
128kHz
n = 4
() 10k
REXT
()
Single 3V Supply Operation, DC Coupled,
32kHz Cutoff Frequency
Single 5V Operation, 300kHz Cutoff Frequency,
DC Coupled Differential Inputs with Balanced Input Impedance
18
27
36
45
VOUT
VIN
+
VIN
1
µF
5V
REXT = 4.1k
1
µF
27k
5V
1569-7 TA03
IN
GND
OUT
LT
®1460-2.5
(SOT-23)
LTC1569-7
fCUTOFF ~
n = 1, 4, 16 FOR PIN 5 AT
GROUND, OPEN, V+
128kHz
n = 1
() 10k
4.1k
()
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
TYPICAL APPLICATIO S
Single 3V, AC Coupled Input,
128kHz Cutoff Frequency
FREQUENCY (Hz)
0
300k
80k 100k
160k 180k
240k 260k
120k 140k
200k 220k
280k
1569-7 TA02a
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
16
µs
14
µs
12
µs
140k
0
20k
80k 100k
40k
60k
120k
every clock period. Therefore, the sampling frequency is
twice the clock frequency and 64 times the filter cutoff
frequency. Input signals with frequencies near 2 • fCLK
± fCUTOFF will be aliased to the passband of the filter and
appear at the output unattenuated.
Power Supply Current
The power supply current depends on the operating mode.
When the LTC1569-7 is in the divide-by-1 mode, or when
clocked externally, the supply current is reduced by 50%
for supply voltages below 4V. For the divide-by-4 and
divide-by-16 modes, the supply current is reduced by
60% relative to the current when clocked externally,
independent of the power supply voltage. Power supply
current versus cutoff frequency for various operating
modes is shown in the “Typical Performance Characteris-
tics” section.
APPLICATIONS INFORMATION


Similar Part No. - LTC1569IS8-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569IS8-6 LINER-LTC1569IS8-6 Datasheet
196Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
More results

Similar Description - LTC1569IS8-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6 Datasheet
217Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_1 Datasheet
196Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_15 Datasheet
202Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com