Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG0002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TG0002
Description  FAST POWER IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TG0002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TG0002_15 Datasheet HTML 1Page - Solid States Devices, Inc TG0002_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SSG42N60
SERIES
DATA SHEET #:
TG0002A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
IC(pk)
IIFSM
140
300
Peak Collector Current
Collector-Emitter Voltage
VCEO
600
Amps
Volts
W
oC/W
50 AMP
600 VOLTS
FAST
POWER IGBT
Thermal Resistance,
Junction to Case
RθθθθθJC
Total Device Dissipation @ TC = 25
oC
PD
VGE
E
E
E
E
E20
Gate Emitter Voltage
Volts
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SSG42N60 N _ TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX
= TX Level
TXV = TXV Level
S
= Space Level
Lead Bend 3/4/_ = Straight
UB = Up Bend
DB = Down Bend
Package: 3/ N
= TO-258, Isolated
P
= TO-259, Isolated
S2 = SMD2
APPLICATION NOTES:
600V IGBT Technology
Positive Temperature Coefficient for Ease of
Paralleling
High Current Switching for Motor Drives and
Inverters
Low Saturation Voltage at High Currents.
Low Switching Losses.
High Short Circuit Capability
MOS Input, Voltage Controlled.
Ultra Fast Free Wheeling Diodes
Hermetic Sealed Construction.
TX, TXV, and S-Level Screening Available.
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
200
0.8
0.7
IC
IO
70
42
40
Continuous Collector Current
@ TC = 25
oC
@ TC = 90
oC
Average Diode Current
@ TC = 25
oC
Amps
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
TO-259 (P)
SMD2 (S2)
TO-258 (N)
N, P
S2


Similar Part No. - TG0002_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TG0002 SSDI-TG0002 Datasheet
32Kb / 2P
   FAST POWER IGBT
More results

Similar Description - TG0002_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TG0002 SSDI-TG0002 Datasheet
32Kb / 2P
   FAST POWER IGBT
TG0004B SSDI-TG0004B_15 Datasheet
165Kb / 2P
   Fast Power IGBT
TG0004B SSDI-TG0004B Datasheet
165Kb / 2P
   Fast Power IGBT
logo
Advanced Power Technolo...
APT33GF120BR ADPOW-APT33GF120BR Datasheet
89Kb / 5P
   Fast IGBT
APT11GF120KR ADPOW-APT11GF120KR Datasheet
25Kb / 2P
   FAST IGBT
logo
International Rectifier
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
   IGBT SIP MODULE Fast IGBT
logo
Vishay Siliconix
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
   IGBT SIP Module(Fast IGBT)
Revision: 25-Oct-17
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
logo
International Rectifier
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
   IGBT SIP MODULE Fast IGBT
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
   IGBT SIP MODULE Fast IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com