Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1596 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1596
Description  Serial 16-Bit Multiplying DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1596 Datasheet HTML 2Page - Linear Technology LTC1596 Datasheet HTML 3Page - Linear Technology LTC1596 Datasheet HTML 4Page - Linear Technology LTC1596 Datasheet HTML 5Page - Linear Technology LTC1596 Datasheet HTML 6Page - Linear Technology LTC1596 Datasheet HTML 7Page - Linear Technology LTC1596 Datasheet HTML 8Page - Linear Technology LTC1596 Datasheet HTML 9Page - Linear Technology LTC1596 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1595/LTC1596/LTC1596-1
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
LTC1595
VREF (Pin 1): Reference Input.
RFB (Pin 2): Feedback Resistor. Normally tied to the output
of the current to voltage converter op amp.
OUT1 (Pin 3): Current Output Pin. Tie to inverting input of
current to voltage converter op amp.
GND (Pin 4): Ground Pin.
LD (Pin 5): The Serial Interface Load Control Input. When
LD is pulled low, data is loaded from the shift register into
the DAC register, updating the DAC output.
SRI (Pin 6): The Serial Data Input. Data on the SRI pin is
latched into the shift register on the rising edge of the serial
clock. Data is loaded MSB first.
CLK (Pin 7): The Serial Interface Clock Input.
VDD (Pin 8): The Positive Supply Input. 4.5V ≤ VDD ≤ 5.5V.
Requires a bypass capacitor to ground.
LTC1596/LTC1596-1
OUT1 (Pin 1): True Current Output Pin. Tie to inverting
input of current to voltage converter op amp.
OUT2 (Pin 2): Complement Current Output Pin. Tie to
analog ground.
AGND (Pin 3): Analog Ground Pin.
STB1, STB2, STB3, STB4 (Pins 4, 8, 10, 11): Serial
Interface Clock Inputs. STB1, STB2 and STB4 are rising
edge triggered inputs. STB3 is a falling edge triggered
input (see Truth Tables).
LD1, LD2 (Pins 5, 9): Serial Interface Load Control Inputs.
When LD1 and LD2 are pulled low, data is loaded from the
shift register into the DAC register, updating the DAC
output (see Truth Tables).
SRO (Pin 6): The Output of the Shift Register. Becomes
valid on the active edge of the serial clock.
SRI (Pin 7): The Serial Data Input. Data on the SRI pin is
latched into the shift register on the active edge of the
serial clock. Data is loaded MSB first.
DGND (Pin 12): Digital Ground Pin.
CLR (Pin 13): The Clear Pin for the DAC. Clears DAC to zero
scale when pulled low on LTC1596. Clears DAC to midscale
when pulled low on LTC1596-1. This pin should be tied to
VDD for normal operation.
VDD (Pin 14): The Positive Supply Input. 4.5V ≤ VDD
5.5V. Requires a bypass capacitor to ground.
VREF (Pin 15): Reference Input.
RFB (Pin 16): Feedback Resistor. Normally tied to the
output of the current to voltage converter op amp.
Supply Current
vs Logic Input Voltage
INPUT VOLTAGE (V)
0
0.6
0.8
1.0
4
1595/96 G10
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
1
2
3
5
VDD = 5V
Logic Threshold
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
1.0
2.0
3.0
0.5
1.5
2.5
1595/96 G11
10
05
16
27
38
49


Similar Part No. - LTC1596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1596 LINER-LTC1596 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1596 LINER-LTC1596 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
More results

Similar Description - LTC1596

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
   Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Analog Devices
AD5429 AD-AD5429_16 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com