Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1598CG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1598CG
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598CG Datasheet(HTML) 1 Page - Linear Technology

  LTC1598CG Datasheet HTML 1Page - Linear Technology LTC1598CG Datasheet HTML 2Page - Linear Technology LTC1598CG Datasheet HTML 3Page - Linear Technology LTC1598CG Datasheet HTML 4Page - Linear Technology LTC1598CG Datasheet HTML 5Page - Linear Technology LTC1598CG Datasheet HTML 6Page - Linear Technology LTC1598CG Datasheet HTML 7Page - Linear Technology LTC1598CG Datasheet HTML 8Page - Linear Technology LTC1598CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1594/LTC1598
15948fb
The LTC
®1594/LTC1598 are micropower, 12-bit sampling
A/D converters that feature 4- and 8-channel multiplexers,
respectively. They typically draw only 320
μA of supply
current when converting and automatically power down to
a typical supply current of 1nA between conversions. The
LTC1594 is available in a 16-pin SO package and the
LTC1598 is packaged in a 24-pin SSOP. Both operate on
a 5V supply. The 12-bit, switched-capacitor, successive
approximation ADCs include a sample-and-hold.
On-chip serial ports allow efficient data transfer to a wide
range of microprocessors and microcontrollers over three
or four wires. This, coupled with micropower consump-
tion, makes remote location possible and facilitates trans-
mitting data through isolation barriers.
The circuit can be used in ratiometric applications or with
an external reference. The high impedance analog inputs
and the ability to operate with reduced spans (to 1.5V full
scale) allow direct connection to sensors and transducers
in many applications, eliminating the need for gain stages.
4- and 8-Channel,
Micropower Sampling
12-Bit Serial I/O A/D Converters
12-Bit Resolution
Auto Shutdown to 1nA
Low Supply Current: 320
μA Typ
Guaranteed
±3/4LSB Max DNL
Single Supply 5V Operation
(3V Versions Available: LTC1594L/LTC1598L)
Multiplexer: 4-Channel MUX (LTC1594)
8-Channel MUX (LTC1598)
Separate MUX Output and ADC Input Pins
MUX and ADC May Be Controlled Separately
Sampling Rate: 16.8ksps
I/O Compatible with QSPI, SPI and MICROWIRE
TM, etc.
Small Package: 16-Pin Narrow SO (LTC1594)
24-Pin SSOP (LTC1598)
Pen Screen Digitizing
Battery-Operated Systems
Remote Data Acquisition
Isolated Data Acquisition
Battery Monitoring
Temperature Measurement
24
μW, 4-Channel, 12-Bit ADC Samples at 200Hz and Runs Off a 5V Supply
Supply Current vs Sample Rate
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
ANALOG
INPUTS
0V TO 5V
RANGE
1k
1
μF
1594/98 TA01
OPTIONAL
ADC FILTER
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
+
8-CHANNEL
MUX
8
COM
GND
4, 9
MPU
SERIAL DATA LINK
MICROWIRE AND
SPI COMPATABLE
10
6
5, 14
7
11
CSADC
CSMUX
CLK
DIN
DOUT
12
13
NC
NC
12-BIT
SAMPLING
ADC
ADCIN
MUXOUT
18
17
16
15, 19
1
μF
5V
VREF VCC
SAMPLE FREQUENCY (kHz)
0.1
1
10
100
1000
1
10
100
1594/98 TA02
TA = 25°C
VCC = 5V
VREF = 5V
fCLK = 320kHz


Similar Part No. - LTC1598CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1598CG LINER-LTC1598CG Datasheet
134Kb / 12P
   8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
LTC1598CG LINER-LTC1598CG Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1598CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com