Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4251B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4251B
Description  Negative Voltage Hot Swap Controllers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4251B Datasheet(HTML) 2 Page - Linear Technology

  LTC4251B_15 Datasheet HTML 1Page - Linear Technology LTC4251B_15 Datasheet HTML 2Page - Linear Technology LTC4251B_15 Datasheet HTML 3Page - Linear Technology LTC4251B_15 Datasheet HTML 4Page - Linear Technology LTC4251B_15 Datasheet HTML 5Page - Linear Technology LTC4251B_15 Datasheet HTML 6Page - Linear Technology LTC4251B_15 Datasheet HTML 7Page - Linear Technology LTC4251B_15 Datasheet HTML 8Page - Linear Technology LTC4251B_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SENSE 1
VEE 2
VIN 3
6 GATE
5 UV/OV*
4 TIMER
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
*UV FOR LTC4251B-2
TJMAX = 125°C, θJA = 192°C/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VZ
VIN to VEE Zener Voltage
IIN = 2mA
l
11.5
13
14.5
V
rZ
VIN to VEE Zener Dynamic Impedance
IIN = 2mA to 30mA
5
Ω
IIN
VIN Supply Current
UV/OV = 4V, VIN = (VZ – 0.3V)
l
0.8
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
l
9.2
11.5
V
VLKH
VIN Undervoltage Lockout Hysteresis
1
V
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
l
40
50
60
mV
VACL
Analog Current Limit Voltage
VACL = (VSENSE – VEE)
l
80
100
120
mV
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
l
150
200
300
mV
IGATE
GATE Pin Output Current
UV/OV = 4V, VSENSE = VEE, VGATE = 0V (Sourcing)
UV/OV = 4V, VSENSE – VEE = 0.15V, VGATE = 3V (Sinking)
UV/OV = 4V, VSENSE – VEE = 0.3V, VGATE = 1V (Sinking)
l
40
58
17
190
80
μA
mA
mA
VGATE
External MOSFET Gate Drive
VGATE – VEE, IIN = 2mA
l
10
12
VZ
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 3)
ORDER INFORMATION
Current into VIN (100μs Pulse) .............................100mA
Minimum VIN Voltage............................................ – 0.3V
Gate, UV/OV, Timer Voltage........................ –0.3V to 16V
Sense Voltage ............................................ –0.6V to 16V
Current Out of Sense Pin (20μs Pulse).............. –200mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
LTC4251BC/LTC4251BC-1/LTC4251BC-2....0°C to 70°C
LTC4251BI/LTC4251BI-1/LTC4251BI-2 .. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1), All Voltages are Referred to VEE
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4251BCS6#TRMPBF
LTC4251BCS6#TRPBF
LTGCT
6-Lead Plastic SOT-23
0°C to 70°C
LTC4251BIS6#TRMPBF
LTC4251BIS6#TRPBF
LTGCT
6-Lead Plastic SOT-23
–40°C to 85°C
LTC4251BCS6-1#TRMPBF
LTC4251BCS6-1#TRPBF
LTGDV
6-Lead Plastic SOT-23
0°C to 70°C
LTC4251BIS6-1#TRMPBF
LTC4251BIS6-1#TRPBF
LTGDV
6-Lead Plastic SOT-23
–40°C to 85°C
LTC4251BCS6-2#TRMPBF
LTC4251BCS6-2#TRPBF
LTGDW
6-Lead Plastic SOT-23
0°C to 70°C
LTC4251BIS6-2#TRMPBF
LTC4251BIS6-2#TRPBF
LTGDW
6-Lead Plastic SOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4251B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251B-1 LINER-LTC4251B-1 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-1 LINER-LTC4251B-1_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LTC4251B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-1 LINER-LTC4251-1_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251 Datasheet
240Kb / 20P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-2 LINER-LTC4251B-2_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-1 LINER-LTC4251B-1_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com