Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1604 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1604
Description  High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1604 Datasheet(HTML) 2 Page - Linear Technology

  LTC1604 Datasheet HTML 1Page - Linear Technology LTC1604 Datasheet HTML 2Page - Linear Technology LTC1604 Datasheet HTML 3Page - Linear Technology LTC1604 Datasheet HTML 4Page - Linear Technology LTC1604 Datasheet HTML 5Page - Linear Technology LTC1604 Datasheet HTML 6Page - Linear Technology LTC1604 Datasheet HTML 7Page - Linear Technology LTC1604 Datasheet HTML 8Page - Linear Technology LTC1604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1604
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER
PART NUMBER
AVDD = DVDD = OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS)................................ – 6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Analog Input Voltage
(Note 3) ......................... (VSS – 0.3V) to (VDD + 0.3V)
VREF Voltage (Note 4) ................. –0.3V to (VDD + 0.3V)
REFCOMP Voltage (Note 4) ......... – 0.3V to (VDD + 0.3V)
Digital Input Voltage (Note 4) ....................– 0.3V to 10V
Digital Output Voltage .................. – 0.3V to (VDD + 0.3V)
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1604C............................................... 0
°C to 70°C
LTC1604I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TJMAX = 125°C, θJA = 95°C/W
Consult factory for Military grade parts.
CC
HARA TERISTICS
CO VERTER
With Internal Reference (Notes 5, 6)
LTC1604
LTC1604A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
15
16
16
16
Bits
Integral Linearity Error
(Note 7)
q
±1
±4
±0.5
±2
LSB
Transition Noise
(Note 8)
0.7
0.7
LSB
Offset Error
(Note 9)
q
±0.05 ±0.125
±0.05 ±0.125
%
Offset Tempco
(Note 9)
0.5
0.5
ppm/
°C
Full-Scale Error
Internal Reference
±0.125 ±0.25
±0.125 ±0.25
%
External Reference
±0.25
±0.25
%
Full-Scale Tempco
IOUT(Reference) = 0, Internal Reference
±15
±15
ppm/
°C
LTC1604CG
LTC1604IG
LTC1604ACG
LTC1604AIG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 2)
4.75
≤ VDD ≤ 5.25V, –5.25 ≤ VSS ≤ –4.75V,
±2.5
V
VSS ≤ (AIN–, AIN+) ≤ AVDD
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions
43
pF
During Conversions
5
pF
tACQ
Sample-and-Hold Acquisition Time
380
ns
tAP
Sample-and-Hold Acquisition Delay Time
– 1.5
ns
tjitter
Sample-and-Hold Acquisition Delay Time Jitter
5
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
– 2.5V < (AIN
= AIN+) < 2.5V
68
dB
PUT
I
A
A
LOG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
AVDD
AVDD
VSS
SHDN
CS
CONV
RD
OVDD
OGND
BUSY
D0
D1
D2
D3
D4
D5
D6
D7
AIN
+
AIN
VREF
REFCOMP
AGND
AGND
AGND
AGND
DVDD
DGND
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8


Similar Part No. - LTC1604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1604 LINER-LTC1604 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1604 LINER-LTC1604 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1604 LINER-LTC1604_15 Datasheet
578Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1604 LINER-LTC1604_15 Datasheet
578Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608 Datasheet
1,000Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608_15 Datasheet
802Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1603 LINER-LTC1603_15 Datasheet
260Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1603 LINER-LTC1603 Datasheet
250Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com