Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5541 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5541
Description  1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5541 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5541_15 Datasheet HTML 2Page - Linear Technology LTC5541_15 Datasheet HTML 3Page - Linear Technology LTC5541_15 Datasheet HTML 4Page - Linear Technology LTC5541_15 Datasheet HTML 5Page - Linear Technology LTC5541_15 Datasheet HTML 6Page - Linear Technology LTC5541_15 Datasheet HTML 7Page - Linear Technology LTC5541_15 Datasheet HTML 8Page - Linear Technology LTC5541_15 Datasheet HTML 9Page - Linear Technology LTC5541_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC5541
6
5541f
SSB Noise Figure
vs RF Blocker Level
LO Switch Isolation
vs LO Frequency–LO1 Selected
LO Switch Isolation
vs LO Frequency–LO2 Selected
Conversion Gain Distribution
IIP3 Distribution
SSB Noise Figure Distribution
TYPICAL AC PERFORMANCE CHARACTERISTICS Low-Side LO (continued)
VCC = 3.3V, VCCIF = 3.3V, SHDN = Low, TA = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests, Δf = 2MHz),
IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
2-Tone IF Output Power, IM3 and
IM5 vs RF Input Power
Single-Tone IF Output Power, 2 × 2
and 3 × 3 Spurs vs RF Input Power
2 × 2 and 3 × 3 Spur Suppression
vs LO Power
RF INPUT POWER (dBm/TONE)
–12
–80
10
0
–10
–20
–30
–40
–50
–60
–70
20
–9
6
–6
–3
0
5541 G13
3
IFOUT
IM3
IM5
RF1 = 1949MHz
RF2 = 1951MHz
LO = 1760MHz
RF INPUT POWER (dBm)
–12
–80
10
0
–10
–20
–30
–40
–50
–60
–70
20
–9
15
–6
–3
0
5541 G14
369
12
IFOUT
(RF = 1950MHz)
LO = 1760MHz
3RF-3LO
(RF = 1823.33MHz)
2RF-2LO
(RF = 1855MHz)
LO INPUT POWER (dBm)
–6
–80
–55
–60
–65
–70
–75
–50
–4
6
–2
0
2
5541 G15
4
RF = 1950MHz
PRF = –10dBm
LO = 1760MHz
3RF-3LO
(RF = 1823.33MHz)
2RF-2LO
(RF = 1855MHz)
RF BLOCKER POWER (dBm)
–25
9
14
15
16
13
12
11
10
17
–20
5
–15
–10
–5
5541 G16
0
RF = 1950MHz
BLOCKER = 2050MHz
PLO = –3dBm
PLO = 0dBm
PLO = 3dBm
LO FREQUENCY (GHz)
1.2
40
55
50
45
60
1.4
2.2
1.6
1.8
2.0
5541 G17
PLO2 = –3dBm
PLO2 = 0dBm
PLO2 = 3dBm
LOSEL = LOW
PLO1 = 0dBm
LO FREQUENCY (GHz)
1.2
40
55
50
45
60
1.4
2.2
1.6
1.8
2.0
5541 G18
PLO1 = –3dBm
PLO1 = 0dBm
PLO1 = 3dBm
LOSEL = HIGH
PLO2 = 0dBm
CONVERSION GAIN (dB)
6.9
0
35
30
25
20
15
10
5
40
7.1
8.1 8.3 8.5
7.3 7.5 7.7
5541 G18a
7.9
RF = 1950MHz
85°C
25°C
–40°C
IIP3 (dBm)
25.0
0
18
16
14
12
10
8
6
4
2
20
26.6
27.0
27.4
25.4
25.8
5541 G18b
26.2
RF = 1950MHz
85°C
25°C
–40°C
SSB NOISE FIGURE (dB)
8.2
0
30
25
20
15
10
5
35
9.8
10.2 10.6 11.0
8.6
9.0
5541 G18c
9.4
RF = 1950MHz
85°C
25°C
–40°C


Similar Part No. - LTC5541_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541IUHPBF LINER-LTC5541IUHPBF Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541IUHPBF LINER-LTC5541IUHPBF Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541IUHTRPBF LINER-LTC5541IUHTRPBF Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5541_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5540 LINER-LTC5540 Datasheet
55Kb / 1P
   0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5593 LINER-LTC5593_15 Datasheet
476Kb / 28P
   Dual 2.3GHz to 4.5GHz High Dynamic Range Downconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com