Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1624IS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1624IS
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624IS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1624IS Datasheet HTML 5Page - Linear Technology LTC1624IS Datasheet HTML 6Page - Linear Technology LTC1624IS Datasheet HTML 7Page - Linear Technology LTC1624IS Datasheet HTML 8Page - Linear Technology LTC1624IS Datasheet HTML 9Page - Linear Technology LTC1624IS Datasheet HTML 10Page - Linear Technology LTC1624IS Datasheet HTML 11Page - Linear Technology LTC1624IS Datasheet HTML 12Page - Linear Technology LTC1624IS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1624
APPLICATIONS INFORMATION
ratings that are ideal for input capacitor applications.
Consult the manufacturer for other specific recommend-
ations.
INTVCC Regulator
An internal regulator produces the 5V supply that powers
the drivers and internal circuitry within the LTC1624.
Good VIN bypassing is necessary to supply the high
transient currents required by the MOSFET gate drivers.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC1624 to be
exceeded. The supply current is dominated by the gate
charge supply current as discussed in the Efficiency
Considerations section. The junction temperature can be
estimated by using the equations given in Note 1 of the
Electrical Characteristics table. For example, the LTC1624
is limited to less than 17mA from a 30V supply:
TJ = 70°C + (17mA)(30V)(110°C/W) = 126°C
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked
operating in continuous mode at maximum VIN.
Step-Down Converter: Topside MOSFET Driver
Supply (CB, DB)
An external bootstrap capacitor CB connectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
Capacitor CB in the functional diagram is charged through
internal diode DB from INTVCC when the SW pin is low.
When the topside MOSFET is to be turned on, the driver
places the CB voltage across the gate to source of the
MOSFET. This enhances the MOSFET and turns on the
topside switch. The switch node voltage SW rises to VIN
and the BOOST pin rises to VIN + INTVCC. The value of the
boost capacitor CB needs to be 50 times greater than the
total input capacitance of the topside MOSFET. In most
applications 0.1
µF is adequate.
Significant efficiency gains can be realized by supplying
topside driver operating voltage from the output, since the
VIN current resulting from the driver and control currents
will be scaled by a factor of (Duty Cycle)/(Efficiency). For
5V regulators this simply means connecting the BOOST
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the
capacitor, or to choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet size or height requirements in the
design. Always consult the manufacturer if there is any
question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied the capacitance is adequate for filtering.
The output ripple (
∆VOUT) is determined by:
∆∆
V
I ESR
fC
OUT
L
OUT
≈+


1
4
where f = operating frequency, COUT = output capacitance
and
∆IL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since
∆IL increases
with input voltage. With
∆IL = 0.4IOUT(MAX) the output
ripple will be less than 100mV at maximum VIN, assuming:
COUT Required ESR < 2RSENSE
Manufacturers such as Nichicon, United Chemicon and
SANYO should be considered for high performance
through-hole capacitors. The OS-CON semiconductor
dielectric capacitor available from SANYO has the lowest
ESR(size) product of any aluminum electrolytic at a some-
what higher price. Once the ESR requirement for COUT has
been met, the RMS current rating generally far exceeds
the IRIPPLE(P-P) requirement.
In surface mount applications multiple capacitors may
have to be paralleled to meet the ESR or RMS current
handling requirements of the application. Aluminum elec-
trolytic and dry tantalum capacitors are both available in
surface mount configurations. In the case of tantalum it is
critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the AVX
TPS series of surface mount tantalums, available in case
heights ranging from 2mm to 4mm. Other capacitor types
include SANYO OS-CON, Nichicon WF series and Sprague
595D series and the new ceramics. Ceramic capacitors are
now available in extremely low ESR and high ripple current


Similar Part No. - LTC1624IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1624 LINER-LTC1624 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
More results

Similar Description - LTC1624IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1624 LINER-LTC1624_15 Datasheet
408Kb / 28P
   High Efficiency SO-8 N-Channel Switching Regulator Controller
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com