Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6403-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6403-1
Description  200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6403-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC6403-1_15 Datasheet HTML 1Page - Linear Technology LTC6403-1_15 Datasheet HTML 2Page - Linear Technology LTC6403-1_15 Datasheet HTML 3Page - Linear Technology LTC6403-1_15 Datasheet HTML 4Page - Linear Technology LTC6403-1_15 Datasheet HTML 5Page - Linear Technology LTC6403-1_15 Datasheet HTML 6Page - Linear Technology LTC6403-1_15 Datasheet HTML 7Page - Linear Technology LTC6403-1_15 Datasheet HTML 8Page - Linear Technology LTC6403-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC6403-1
5
64031fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs +IN, –IN are protected by a pair of back-to-back diodes.
If the differential input voltage exceeds 1.4V, the input current should be
limited to less than 10mA. Input pins (+IN, –IN, VOCM, and SHDN) are also
protected by steering diodes to either supply. If the inputs should exceed
either supply voltage, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely. Long term application of output currents in excess of the
absolute maximum ratings may impair the life of the device.
Note 4: The LTC6403-1 is guaranteed functional over the operating
temperature range –40°C to 85°C.
Note 5: The LTC6403C-1 is guaranteed to meet specified performance
from 0°C to 70°C. The LTC6403C-1 is designed, characterized, and
expected to meet specified performance from –40°C to 85°C but is
not tested or QA sampled at these temperatures. The LTC6403I-1 is
guaranteed to meet specified performance from –40°C to 85°C.
Note 6: Input bias current is defined as the average of the input currents
flowing into Pin 6 and Pin 15 (–IN, and +IN). Input offset current is defined
as the difference of the input currents flowing into Pin 15 and Pin 6 (IOS =
IB+ – IB–)
Note 7: Input common mode range is tested using the test circuit of
Figure 1 by measuring the differential gain with a ±1V differential output
with VICM = mid-supply, and also with VICM at the input common mode
range limits listed in the Electrical Characteristics table, verifying that the
differential gain has not deviated from the mid supply common mode input
case by more than 1%, and the common mode offset (VOSCM) has not
deviated from the mid-supply case by more than ±10mV.
The voltage range for the output common mode range is tested using the
test circuit of Figure 1 by applying a voltage on the VOCM pin and testing at
both mid supply and at the Electrical Characteristics table limits to verify
that the differential gain has not deviated from the mid supply VOCM case
by more than 1%, and the common mode offset (VOSCM) has not deviated
by more than ±10mV from the mid supply case.
Note 8: Input CMRR is defined as the ratio of the change in the input
common mode voltage at the pins +IN or –IN to the change in differential
input referred voltage offset. Output CMRR is defined as the ratio of the
change in the voltage at the VOCM pin to the change in differential input
referred voltage offset. These specifications are strongly dependent on
feedback ratio matching between the two outputs and their respective
inputs, and it is difficult to measure actual amplifier performance. See The
Effects of Resistor Pair Mismatch in the Applications Information section
of this datasheet. For a better indicator of actual amplifier performance
independent of feedback component matching, refer to the PSRR
specification.
Note 9: Differential power supply rejection (PSRR) is defined as the ratio
of the change in supply voltage to the change in differential input referred
voltage offset. Common mode power supply rejection (PSRRCM) is
defined as the ratio of the change in supply voltage to the change in the
common mode offset, VOUTCM – VOCM.
Note 10: Output swings are measured as differences between the output
and the respective power supply rail.
Note 11: Extended operation with the output shorted may cause junction
temperatures to exceed the 150°C limit and is not recommended. See Note
3 for more details.
Note 12: A resistive load is not required when driving an AD converter with
the LTC6403-1. Therefore, typical output power is very small. In order to
compare the LTC6403-1 with amplifiers that require 50
Ω output load, the
LTC6403-1 output voltage swing driving a given RL is converted to OIP3 as
if it were driving a 50
Ω load. Using this modified convention, 2VP-P is by
definition equal to 10dBm, regardless of actual RL.
The
l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C, V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-Supply,
VSHDN = OPEN, RI = 402Ω, RF = 402Ω, RT = 25.5Ω, unless otherwise noted (See Figure 2). VS is defined (V+ – V). VOUTCM is defined
as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is defined as (VINP – VINM).
LTC6403-1 AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IMD
Third-Order IMD at 10MHz
f1 = 9.5MHz, f2 = 10.5MHz
VS = 3V, VOUTDIFF = 2VP-P Envelope
–72
dBc
OIP3
Equivalent OIP3 at 3MHz (Note 12)
VS = 3V
48
dBm
tS
Settling Time
2V Step at Output
VS = 3V, Single-Ended Input
1% Settling
0.1% Settling
20
30
ns
ns
NF
Noise Figure, f = 3MHz
RSOURCE = 804Ω, RI = 402Ω,
RF = 402Ω, VS = 3V
RSOURCE = 200Ω, RI = 100Ω,
RF = 402Ω, VS = 3V
10.8
8.9
dB
dB
f3dBFILTER
Differential Filter 3dB Bandwidth
44.2
MHz


Similar Part No. - LTC6403-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6403-1 LINER-LTC6403-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6403-1 LINER-LTC6403-1 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LTC6403-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com