Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6431-20 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6431-20
Description  20dB Gain Block, 50 IF Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6431-20 Datasheet(HTML) 2 Page - Linear Technology

  LTC6431-20_15 Datasheet HTML 1Page - Linear Technology LTC6431-20_15 Datasheet HTML 2Page - Linear Technology LTC6431-20_15 Datasheet HTML 3Page - Linear Technology LTC6431-20_15 Datasheet HTML 4Page - Linear Technology LTC6431-20_15 Datasheet HTML 5Page - Linear Technology LTC6431-20_15 Datasheet HTML 6Page - Linear Technology LTC6431-20_15 Datasheet HTML 7Page - Linear Technology LTC6431-20_15 Datasheet HTML 8Page - Linear Technology LTC6431-20_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6431-20
2
643120f
For more information www.linear.com/LTC6431-20
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VCC to GND)...........................5.5V
Amplifier Output Current (+OUT) .........................120mA
RF Input Power, Continuous, 50Ω (Note 2)..........15dBm
RF Input Power, 100µs Pulse, 50Ω (Note 2) ........20dBm
Operating Case Temperature Range
(TCASE).....................................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
DNC
DNC
DNC
DNC
DNC
DNC
OUT
GND
T_DIODE
DNC
DNC
DNC
TJMAX = 150°C, θJC = 54°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6431AIUF-20#PBF
LTC6431AIUF-20#TRPBF 43120
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C TCASE
LTC6431BIUF-20#PBF
LTC6431BIUF-20#TRPBF 43120
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C TCASE
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, ZSOURCE = ZLOAD = 50Ω. Typical measured DC electrical
performance using Test Circuit A.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Operating Supply Range
l
4.75
5.0
5.25
V
IS(TOT)
Total Supply Current
All VCC Pins Plus OUT
l
75
68
93
113
129
mA
mA
IS(OUT)
Total Supply Current to OUT Pin
Current to OUT
l
55
51
75
95
115
mA
mA
ICC
Current to VCC Pin
Either VCC Pin May Be Used
l
15
12.5
18
21
21.5
mA
mA


Similar Part No. - LTC6431-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
More results

Similar Description - LTC6431-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
LTC6431-15 LINER-LTC6431-15 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
logo
Analog Devices
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
   RF/IF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5610 AD-ADL5610_15 Datasheet
438Kb / 16P
   RF/IF Gain Block
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com